Electronic Components Datasheet Search
  English  ▼

X  

DX110 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DX110
Description  Desoldering & Rework Stations
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DX110 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DX110 Datasheet HTML 4Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 5Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 6Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 7Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 8Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 9Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 10Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 11Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Weller Multi-Functional,
Digital Desoldering Station WDD 81V
The Weller WDD 81V Desoldering station features digital
process control for exact temperature set. The in-built
microprocessor circuitry automatically recognizes all
Weller soldering irons and provides the optimal settings
of the connected tool. The station comes with the
DSX 80 Desoldering iron. A range of desoldering suction
tiplets enables solder to be removed from a wide variety
of solder joints. The Weller CSF rework heads can also be
interchanged to provide total flexibility in the rework of
most Flat Packs. An internal maintenance-free compressed
air converter provides the vacuum for the desoldering
iron. The WDD 81V requires a compressed air supply.
The Weller WCB 2 Calibration unit can be connected to
the WDD 81V to further enhance programme setting or
for PC interface.
Multi-digital display shows the set
and read temperature of the DSX 80
or other connected tool.
DSX 80 Desoldering iron.
Finger switch
to control vacuum.
Microprocessor controlled channel.
Automatically recognizes the DSX 80
and other connected tools and sets the
appropriate control parameters.
Connector for vacuum.
Seven-pin connector for
connecting the DSX and
other soldering tools.
Mains switch.
Pilot light showing
heating pulses.
Antistatic coating on housing
meets ESD safety specifications
Holder AK 20 for
DSX 80 desoldering iron.
“Longlife” tiplets. Different
interchangeable types available.
Connector for potential
balance
Dimensions:
115 x 166 x 101 mm (W x D x H)
Power Input:
95 W
Temperature Control:
Soldering/Desoldering iron continuously 50°C– 450°C
Compressed Air:
Inlet pressure 500 KPA – 600 KPA (58 – 87 psi) oil-free, dry compressed air
Compressed Air Converter:
Air consumption 35 l/min
Vacuum 55 KPA (8 psi)
Compressed Air Connection:
Compressed air hose of 6 mm (0.24") external diameter
Safety Class:
1 (control unit), 3 (soldering tool)
Foot switch connector:
over adapter as accessories
Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com