Electronic Components Datasheet Search
  English  ▼

X  

DX110 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DX110
Description  Desoldering & Rework Stations
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DX110 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DX110 Datasheet HTML 3Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 4Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 5Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 6Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 7Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 8Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 9Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 10Page - List of Unclassifed Manufacturers DX110 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Weller Multi-Functional,
Digital Desoldering Station WDD 161V
The WDD 161V rework station is a dual output unit
supplied with soldering and desoldering tools. It features
a micro processor controlled system which allows inde-
pendent temperature control of both tools. The station
will automatically recognize the tool in use and calibrate
itself for that tool. Vacuum for the desoldering tool is
generated by an internal venturi driven from an external
compressed air source.
The selected operating temperatures are displayed on
a digital display switchable between tools. By use of the
WCB 2 control box, additional functions can be pro-
grammed into the base unit such as, temperature lock,
set back time, temperature offset, deg C /deg F, factory
setting reset.
Dimensions:
115 x 166 x 101 mm (W x D x H)
Power Input:
165 W
Temperature Control:
Soldering/Desoldering iron continuously 50°C– 450°C
Compressed Air:
Inlet pressure 500 KPA – 600 KPA (58 – 87 psi) oil-free, dry compressed air
Compressed Air Converter:
Air consumption 35 l/min
Vacuum 55 KPA (8 psi)
Compressed Air Connection:
Compressed air hose of 6 mm (0.24") external diameter
Safety Class:
1 (control unit), 3 (soldering tool)
Foot switch connector:
over adapter as accessories
Mains switch.
Antistatic coating on
housing meets ESD safety
specifications
Seven-pin connector for
connecting the DSX and
other soldering tools.
LED showing
heating pulses.
Multi-digital display shows
the set and read temperature
of DSX 80 or other connected tool.
Connector for vacuum
Connector for potential
balance
WSP 80 soldering pencil.
“Longlife” tiplets.
Different interchangeable
types available.
Finger switch to
control vacuum.
DSX 80 Desoldering iron.
Holder WPH 80 for
soldering pencil WSP 80.
Holder AK 20 for DSX 80
desoldering iron.
Microprocessor controlled channel.
Automatically recognizes the DSX 80
and other connected tools and sets the
appropriate control parameters.
Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com