Electronic Components Datasheet Search
  English  ▼

X  

MP7742 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7742
Description  2 x 15W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7742 Datasheet HTML 1Page - Monolithic Power Systems MP7742 Datasheet HTML 2Page - Monolithic Power Systems MP7742 Datasheet HTML 3Page - Monolithic Power Systems MP7742 Datasheet HTML 4Page - Monolithic Power Systems MP7742 Datasheet HTML 5Page - Monolithic Power Systems MP7742 Datasheet HTML 6Page - Monolithic Power Systems MP7742 Datasheet HTML 7Page - Monolithic Power Systems MP7742 Datasheet HTML 8Page - Monolithic Power Systems MP7742 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP7742 – 2 x 15W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7742 Rev. 0.91
www.MonolithicPower.com
3
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS (6)
Circuit of Figure 1, VDD = 24V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
260
µA
Quiescent Current
26
mA
f = 1KHz, THD+N = 10%, 4Ω
Load
15
W
Power Output
f = 1KHz, THD+N = 10%, 8Ω
Load
8
W
POUT = 1W, f = 1KHz, 4Ω Load
0.07
%
THD+ Noise
POUT = 1W, f = 1KHz, 8Ω Load
0.04
%
f = 1KHz, POUT = 15W, 4Ω Load
90
%
Efficiency
f = 1KHz, POUT = 8W, 8Ω Load
90
%
Maximum Power Bandwidth
20
KHz
Dynamic Range
97
dB
Noise Floor
A-Weighted
103
µV
f = 217Hz
-55
dB
Power Supply Rejection
VRIPPLE=200mVPP
CR=100µF
f = 1kHz
-58
dB
Note:
6) Operating Specifications are for the IC in Typical Application circuit (Figure 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com