Electronic Components Datasheet Search
  English  ▼

X  

MP7742 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7742
Description  2 x 15W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7742 Datasheet HTML 1Page - Monolithic Power Systems MP7742 Datasheet HTML 2Page - Monolithic Power Systems MP7742 Datasheet HTML 3Page - Monolithic Power Systems MP7742 Datasheet HTML 4Page - Monolithic Power Systems MP7742 Datasheet HTML 5Page - Monolithic Power Systems MP7742 Datasheet HTML 6Page - Monolithic Power Systems MP7742 Datasheet HTML 7Page - Monolithic Power Systems MP7742 Datasheet HTML 8Page - Monolithic Power Systems MP7742 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP7742 – 2 x 15W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7742 Rev. 0.91
www.MonolithicPower.com
5
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
Circuit of Figure 1, VDD=24V, VEN=5V, TA = +25°C, unless otherwise noted.
THD+N vs. Frequency
-10
-8
-6
-4
-2
0
+2
+4
-10
-8
-6
-4
-2
0
+2
+4
0.1
0.2
0.5
1
2
5
10
20
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
0.01
0.02
0.05
0.1
0.2
0.5
0.2
0.5
1
2
5
2
5
10
20
0.01
0.02
0.05
0.02
0.05
0.1
1
10
20
0.006
POUT (W)
Frequency (Hz)
, Input ac-grounded
100
20
20
20
20
1k
10k 20k
100
20
1k
10k 20k
Frequency (Hz)
100
1k
10k 20k
Frequency (Hz)
100
1k
10k 40k
Frequency (Hz)
Frequency (kHz)
100
1k
10k 40k
2
-120
-100
-80
-60
-40
-20
0
4 6 8 10 12 14 16 18 20
POUT (W)
THD+N vs. Frequency
Frequency Response
Frequency Response
FFT Noise Floor
Frequency (Hz)
Power Supply Rejection Ratio
FFT Noise Floor
-120
-100
-80
-60
-40
-20
0
Frequency (kHz)
24 6 8 10 12 14 16 18 20
20
0.1
1
10
20
0.1
1
10
Freq=10kHz
Freq=100Hz
Freq=1kHz
Freq=10kHz
Freq=1kHz
Freq=100Hz
-80
+0
-60
-40
-20
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com