Electronic Components Datasheet Search
  English  ▼

X  

MP7742 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP7742
Description  2 x 15W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP7742 Datasheet HTML 3Page - Monolithic Power Systems MP7742 Datasheet HTML 4Page - Monolithic Power Systems MP7742 Datasheet HTML 5Page - Monolithic Power Systems MP7742 Datasheet HTML 6Page - Monolithic Power Systems MP7742 Datasheet HTML 7Page - Monolithic Power Systems MP7742 Datasheet HTML 8Page - Monolithic Power Systems MP7742 Datasheet HTML 9Page - Monolithic Power Systems MP7742 Datasheet HTML 10Page - Monolithic Power Systems MP7742 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP7742 – 2 x 15W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7742 Rev. 0.91
www.MonolithicPower.com
7
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP7742 is a single-ended Class D audio
amplifier. It uses the Monolithic Power Systems
patented Analog Adaptive ModulationTM to
convert the audio input signal into pulses.
These pulses drive an internal high-current
output stage and, when filtered through an
external inductor-capacitor filter, reproduce the
input signal across the load. Because of the
switching
Class
D
output
stage,
power
dissipation in the amplifier is drastically reduced
when compared to Class A, B or A/B amplifiers
while maintaining high fidelity and low distortion.
The amplifier uses differential input to the
modulator. PIN is the positive input and NIN is
the negative input. The common mode voltage
of the input is set to half the DC power supply
input voltage (VDD/2) through the resistive
voltage divider. The input capacitor CIN couple
the AC signal at the input.
The amplifier voltage gain is set by the
combination of the input resister RIN and the
feedback resistor RFB and is calculated by the
equation:
IN
FB
R
R
AV
−
=
Where for Channel 1: RFB=RFB1 and RIN=RIN1
and for Channel 2: RFB=RFB2 and RIN=RIN2.
The
MP7742
includes
four
high-power
MOSFETs wherein for each channel the output
driver stage uses two 250mΩ N-Channel
MOSFETs to deliver the pulses to the LC output
filter which in turn drives the load. To fully
enhance the high-side MOSFET, the gate is
driven to a voltage higher than the source by
the bootstrap capacitor between SW and BS.
While the output is driven low, the bootstrap
capacitor is charged from VDD through an
internal circuit on the MP7742. The gate of the
high-side MOSFET is driven high from the
voltage at BS, forcing the MOSFET gate to a
voltage higher than VDD and allowing the
MOSFET to fully turn on, reducing power loss in
the amplifier.
Pop Elimination
The capacitors COUT1 and COUT2 block the DC
signal and pass only AC signals to the load. To
insure that the amplifier passes low frequency
signals, the time constant of COUT*RLOAD is long.
However, when EN is asserted, the capacitor
charges over a long period and in a normal
amplifier can result in a turn on and/or turn off
“pop.” The MP7742 includes integrated circuitry
that eliminates the turn on and turn off pop
associated with the charging of the AC coupling
capacitor.
Short Circuit/Overload Protection
The MP7742 has internal overload and short
circuit protection. The currents in both the high-
side and low-side MOSFETs are measured and
if the current exceeds the 4.5A short circuit
current limit, both MOSFETs are turned off. The
MP7742 then restarts with the same power up
sequence that is used for normal starting to
prevent a pop from occurring after a short
circuit condition is removed.
For VDD > 24V, two schottky diodes are
required for short-circuit protection, with the
cathodes connected to SW1/2 and the anodes
connected to PGND1/2. The diodes should
have output current of at least 1A and a
minimum of 40V dc blocking voltage rating.
Please place the diodes as close to the
MP7742 as possible.
For VDD < 24V, the
schottky diodes are not required for short circuit
protection.
If short-circuit protection is not needed, the
Schottky diodes can be omitted.
Enable Function
The MP7742 EN input is an active high enable
control. To enable the MP7742, drive EN with a
2.5V or greater voltage. To disable the amplifier,
drive it below 0.8V. While the MP7742 is
disabled, the VDD operating current is less than
100µA and the output driver MOSFETs are
turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com