Electronic Components Datasheet Search
  English  ▼

X  

MP7742 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7742
Description  2 x 15W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP7742 Datasheet HTML 2Page - Monolithic Power Systems MP7742 Datasheet HTML 3Page - Monolithic Power Systems MP7742 Datasheet HTML 4Page - Monolithic Power Systems MP7742 Datasheet HTML 5Page - Monolithic Power Systems MP7742 Datasheet HTML 6Page - Monolithic Power Systems MP7742 Datasheet HTML 7Page - Monolithic Power Systems MP7742 Datasheet HTML 8Page - Monolithic Power Systems MP7742 Datasheet HTML 9Page - Monolithic Power Systems MP7742 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP7742 – 2 x 15W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7742 Rev. 0.91
www.MonolithicPower.com
6
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES (continued)
Circuit of Figure 1, VDD=24V, VEN=5V, TA = +25°C, unless otherwise noted.
Cross Talk
Cross Talk
IHF-IMD
Test Tones: 19 kHz and 20 kHz
Test Tones: 19 kHz and 20 kHz
IHF-IMD
POUT vs. VDD
Thermal Rise vs. POUT
VDD=24V
Efficiency vs. POUT
Input Signal Freq=1kHz
100
20
20
1k
10k 20k
Frequency (Hz)
VDD (V)
100
1k
10k 20k
100
1k
10k
30k
-120
-100
-80
-60
-40
-20
0
-120
-100
-80
-60
-40
-20
0
-120
-100
-80
-60
-40
-20
0
-120
-100
-80
-60
-40
-20
0
Frequency (Hz)
Frequency (Hz)
100
1k
10k 20k
Frequency (Hz)
0
0
5
10
15
20
25
510
15
20 25
30 35
POUT (W)
POUT Per Channel (W)
0
10
20
30
40
50
60
70
80
90
100
VDD=24V,Input Signal Freq=1kHz
2
0
4 6
8 10 12 14 16 18
10
30
50
70
90
110
130
150
0
3
6
9
12
15
18
Left to Right
Left to Right
Right to Left
Right to Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com