Electronic Components Datasheet Search
  English  ▼

X  

MP7742 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7742
Description  2 x 15W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7742 Datasheet HTML 1Page - Monolithic Power Systems MP7742 Datasheet HTML 2Page - Monolithic Power Systems MP7742 Datasheet HTML 3Page - Monolithic Power Systems MP7742 Datasheet HTML 4Page - Monolithic Power Systems MP7742 Datasheet HTML 5Page - Monolithic Power Systems MP7742 Datasheet HTML 6Page - Monolithic Power Systems MP7742 Datasheet HTML 7Page - Monolithic Power Systems MP7742 Datasheet HTML 8Page - Monolithic Power Systems MP7742 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP7742
2 x 15W Class D Stereo
Single Ended Audio Amplifer
MP7742 Rev. 0.91
www.MonolithicPower.com
1
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7742 is a Stereo 2 x 15W Class D
Audio Amplifier. It is one of MPS’ products of
fully
integrated
audio
amplifiers
which
dramatically reduces solution size by integrating
the following:
250mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
The MP7742 utilizes a single ended output
structure capable of delivering 15W per channel
into 4Ω speakers. MPS Class D Audio
Amplifiers exhibit the high fidelity of a Class A/B
amplifier at high efficiencies. The circuit is
based on the MPS’ proprietary variable
frequency topology that delivers excellent
linearity, fast response time and operates on a
single power supply.
FEATURES
• 2 x 15W Output at VDD = 24V into a 4Ω load
• THD+N = 0.03% at 4W, 8Ω
• 90% Efficiency at 15W & VDD = 24V
• Low Noise (103µV Typical)
• Switching Frequency Up to 1MHz
• 9.5V to 28V Operation from a Single Supply
• Integrated Startup and Shutdown Pop
Elimination Circuit
• Thermal and Short Circuit Protection
• Integrated Power FETs
• Pin Compatible with MP7722
• Available in TSSOP20-Exposed Package
APPLICATIONS
• Flat Panel TV
• Portable Docking Stations
• Surround Sound DVD Systems
• Televisions
• Multimedia Computers
• Home Stereo Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
MP7742
BS1
SW1
BS2
SW2
REF1
CH1
INPUT
VDD
VDD
CH1
OUTPUT
CH2
OUTPUT
IN1
REF2
IN2
EN2
EN1
AGND2
AGND1
PGND2
PGND1
VDD2
CH2
INPUT
EN/SHDN
VDD1
VDD
2
18
17
19
12
14
13
3
8
7
6
10
4, 5
9
20
15
THD+N vs. POUT
VDD=24V, Freq=1KHz, A-wtd
0.1
0.2
0.5
1
2
5
10
20
0.01
0.02
0.05
POUT (W)
20
0.1
1
10


Similar Part No. - MP7742

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7742DF MPS-MP7742DF Datasheet
233Kb / 5P
2X 15W Stereo Class D Single Ended Audio Amplifier EV Board
More results

Similar Description - MP7742

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
2 x 20W Class D Stereo Single Ended Audio Amplifer
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
15W Stereo Class-D Audio Power Amplifier
logo
Monolithic Power System...
MP7740 MPS-MP7740 Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
MP7741 MPS-MP7741 Datasheet
507Kb / 14P
10W Class D Mono Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
2 x 10W Class D Stereo Single Ended Audio Amplifer
EV7740DN-01B MPS-EV7740DN-01B Datasheet
279Kb / 5P
15W Stereo Class D Single Ended Audio Amplifier
EV7742DF-00B MPS-EV7742DF-00B Datasheet
233Kb / 5P
2X 15W Stereo Class D Single Ended Audio Amplifier EV Board
logo
Princeton Technology Co...
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
15W x 2, Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com