Electronic Components Datasheet Search
  English  ▼

X  

MP7742 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP7742
Description  2 x 15W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7742 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP7742 Datasheet HTML 4Page - Monolithic Power Systems MP7742 Datasheet HTML 5Page - Monolithic Power Systems MP7742 Datasheet HTML 6Page - Monolithic Power Systems MP7742 Datasheet HTML 7Page - Monolithic Power Systems MP7742 Datasheet HTML 8Page - Monolithic Power Systems MP7742 Datasheet HTML 9Page - Monolithic Power Systems MP7742 Datasheet HTML 10Page - Monolithic Power Systems MP7742 Datasheet HTML 11Page - Monolithic Power Systems MP7742 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP7742 – 2 x 15W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7742 Rev. 0.91
www.MonolithicPower.com
8
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
The MP7742 uses a minimum number of
external components to complete a stereo
Class D audio amplifier. The circuit of Figure 1
is optimized for a 24V power supply. This circuit
should be suitable for most applications.
However, if this circuit is not suitable, use the
following
sections
to
determine
how
to
customize
the
amplifier
for
a
particular
application.
Setting the Voltage Gain
The maximum output voltage swing is limited by
the power supply. To achieve the maximum
power out of the MP7742 amplifier, set the gain
such that the maximum input signal results in
the maximum output voltage swing.
The maximum output voltage swing is ±VDD/2.
For a given input signal voltage, where VIN(pk)
is the peak input voltage, the maximum voltage
gain is:
)
pk
(
V
2
V
)
MAX
(
A
IN
DD
V
×
=
This voltage gain setting results in the peak
output voltage approaching it’s maximum for
the maximum input signal. In some cases the
amplifier is allowed to overdrive slightly,
allowing the THD to increase at high power
levels, and so a higher gain than AV (max) is
required.
Setting the Switching Frequency
The idle switching frequency (the switching
frequency when no audio input is present) is a
function of several variables: the supply voltage
VDD, the timing capacitor CINT and the feedback
resistor RFB. Lower switching frequencies result
in more inductor ripple, causing more quiescent
output voltage ripple and increasing the output
noise
and
distortion.
Higher
switching
frequencies result in more power loss. The
optimum quiescent switching frequency is
approximately 600KHz
to 700KHz. It is
recommended
to
set
right
channel
idol
switching frequency larger than left channel’s
with 50kHz difference by using different timing
capacitor
CINT.
Refer
to
the
Operating
Specifications for recommended values.
Table 1—Switching Frequency vs. VDD, Timing
Capacitor and Feedback Resistor (see Figure 1)
Left channel
Right channel
VDD
(V)
Gain
(V/V)
RFB
(kΩ)
RIN
(kΩ)
CINT1
(nF)
FSW1
(kHz)
CINT2
(nF)
FSW2
(kHz)
12
5.6
56
10
4.7
560
3.3
700
12
8.2
39
4.7
5.6
620
4.7
700
12
12.0
56.4
4.7
4.7
530
3.3
670
12
17.6
56.4
3.2
4.7
530
3.3
670
12
25.5
56.4
2.2
4.7
530
3.3
670
12
30
60
2
4.7
520
3.3
650
24
5.6
56
10
10
540
8.2
650
24
8.2
82
10
5.6
610
4.7
690
24
12.0
120
10
4.7
530
3.3
660
24
17.4
82
4.7
5.6
610
4.7
690
24
25.5
120
4.7
4.7
530
3.3
660
24
30
120
4
4.7
530
3.3
660
Choosing the LC Filter
The Inductor-Capacitor (LC) filter converts the
pulse train at SW to the output voltage that
drives the speaker. Typical values for the LC
filter are shown in Figure 1, 10µH inductor and
0.47µF capacitor.
The characteristic frequency of the LC filter
needs to be high enough to allow high
frequency audio to the output, yet needs to be
low enough to filter out high frequency products
of the pulses from SW. The characteristic
frequency of the LC filter is:
LC
2
1
f0
π
=
The voltage ripple at the output is approximated
by the equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
≅
SW
0
DD
RIPPLE
f
f
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com