Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 117 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 117 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 113Page - Microsemi Corporation A3P030 Datasheet HTML 114Page - Microsemi Corporation A3P030 Datasheet HTML 115Page - Microsemi Corporation A3P030 Datasheet HTML 116Page - Microsemi Corporation A3P030 Datasheet HTML 117Page - Microsemi Corporation A3P030 Datasheet HTML 118Page - Microsemi Corporation A3P030 Datasheet HTML 119Page - Microsemi Corporation A3P030 Datasheet HTML 120Page - Microsemi Corporation A3P030 Datasheet HTML 121Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-103
Table 2-120 • A3P250 FIFO 512×8
Worst Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tENS
REN, WEN Setup Time
3.75
4.27
5.02
ns
tENH
REN, WEN Hold Time
0.00
0.00
0.00
ns
tBKS
BLK Setup Time
0.19
0.22
0.26
ns
tBKH
BLK Hold Time
0.00
0.00
0.00
ns
tDS
Input Data (WD) Setup Time
0.18
0.21
0.25
ns
tDH
Input Data (WD) Hold Time
0.00
0.00
0.00
ns
tCKQ1
Clock High to New Data Valid on RD (flow-through)
2.17
2.47
2.90
ns
tCKQ2
Clock High to New Data Valid on RD (pipelined)
0.94
1.07
1.26
ns
tRCKEF
RCLK High to Empty Flag Valid
1.72
1.96
2.30
ns
tWCKFF
WCLK High to Full Flag Valid
1.63
1.86
2.18
ns
tCKAF
Clock High to Almost Empty/Full Flag Valid
6.19
7.05
8.29
ns
tRSTFG
RESET Low to Empty/Full Flag Valid
1.69
1.93
2.27
ns
tRSTAF
RESET Low to Almost Empty/Full Flag Valid
6.13
6.98
8.20
ns
tRSTBQ
RESET Low to Data Out Low on RD (flow-through)
0.92
1.05
1.23
ns
RESET Low to Data Out Low on RD (pipelined)
0.92
1.05
1.23
ns
tREMRSTB
RESET Removal
0.29
0.33
0.38
ns
tRECRSTB
RESET Recovery
1.50
1.71
2.01
ns
tMPWRSTB
RESET Minimum Pulse Width
0.21
0.24
0.29
ns
tCYC
Clock Cycle Time
3.23
3.68
4.32
ns
FMAX
Maximum Frequency for FIFO
310
272
231
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com