Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 121 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 121 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 117Page - Microsemi Corporation A3P030 Datasheet HTML 118Page - Microsemi Corporation A3P030 Datasheet HTML 119Page - Microsemi Corporation A3P030 Datasheet HTML 120Page - Microsemi Corporation A3P030 Datasheet HTML 121Page - Microsemi Corporation A3P030 Datasheet HTML 122Page - Microsemi Corporation A3P030 Datasheet HTML 123Page - Microsemi Corporation A3P030 Datasheet HTML 124Page - Microsemi Corporation A3P030 Datasheet HTML 125Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-107
Embedded FlashROM Characteristics
Timing Characteristics
Figure 2-43 • Timing Diagram
A0
A1
tSU
tHOLD
tSU
tHOLD
tSU
tHOLD
tCKQ2
tCKQ2
tCKQ2
CLK
Address
Data
D0
D0
D1
Table 2-124 • Embedded FlashROM Access Time
Parameter
Description
–2
–1
Std.
Units
tSU
Address Setup Time
0.53
0.61
0.71
ns
tHOLD
Address Hold Time
0.00
0.00
0.00
ns
tCK2Q
Clock to Out
21.42
24.40
28.68
ns
FMAX
Maximum Clock Frequency
15
15
15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com