Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 122 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 122 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 118Page - Microsemi Corporation A3P030 Datasheet HTML 119Page - Microsemi Corporation A3P030 Datasheet HTML 120Page - Microsemi Corporation A3P030 Datasheet HTML 121Page - Microsemi Corporation A3P030 Datasheet HTML 122Page - Microsemi Corporation A3P030 Datasheet HTML 123Page - Microsemi Corporation A3P030 Datasheet HTML 124Page - Microsemi Corporation A3P030 Datasheet HTML 125Page - Microsemi Corporation A3P030 Datasheet HTML 126Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 220 page
background image
ProASIC3 DC and Switching Characteristics
2-108
Revision 13
JTAG 1532 Characteristics
JTAG timing delays do not include JTAG I/Os. To obtain complete JTAG timing, add I/O buffer delays to
the corresponding standard selected; refer to the I/O timing characteristics in the "User I/O
Characteristics" section on page 2-14 for more details.
Timing Characteristics
Table 2-125 • JTAG 1532
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tDISU
Test Data Input Setup Time
0.50
0.57
0.67
ns
tDIHD
Test Data Input Hold Time
1.00
1.13
1.33
ns
tTMSSU
Test Mode Select Setup Time
0.50
0.57
0.67
ns
tTMDHD
Test Mode Select Hold Time
1.00
1.13
1.33
ns
tTCK2Q
Clock to Q (data out)
6.00
6.80
8.00
ns
tRSTB2Q
Reset to Q (data out)
20.00
22.67
26.67
ns
FTCKMAX
TCK Maximum Frequency
25.00
22.00
19.00
MHz
tTRSTREM
ResetB Removal Time
0.00
0.00
0.00
ns
tTRSTREC
ResetB Recovery Time
0.20
0.23
0.27
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
TBD
TBD
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for
derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com