Electronic Components Datasheet Search
  English  ▼

X  

A3P030 Datasheet(PDF) 124 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 124 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 120Page - Microsemi Corporation A3P030 Datasheet HTML 121Page - Microsemi Corporation A3P030 Datasheet HTML 122Page - Microsemi Corporation A3P030 Datasheet HTML 123Page - Microsemi Corporation A3P030 Datasheet HTML 124Page - Microsemi Corporation A3P030 Datasheet HTML 125Page - Microsemi Corporation A3P030 Datasheet HTML 126Page - Microsemi Corporation A3P030 Datasheet HTML 127Page - Microsemi Corporation A3P030 Datasheet HTML 128Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 220 page
background image
Pin Descriptions
3-2
Revision 13
insufficient. If a device is in a JTAG chain of interconnected boards, the board containing the device can
be powered down, provided both VJTAG and VCC to the part remain powered; otherwise, JTAG signals
will not be able to transition the device, even in bypass mode.
Microsemi recommends that VPUMP and VJTAG power supplies be kept separate with independent
filtering capacitors rather than supplying them from a common rail.
VPUMP
Programming Supply Voltage
ProASIC3 devices support single-voltage ISP of the configuration flash and FlashROM. For
programming, VPUMP should be 3.3 V nominal. During normal device operation, VPUMP can be left
floating or can be tied (pulled up) to any voltage between 0 V and the VPUMP maximum. Programming
power supply voltage (VPUMP) range is listed in Table 2-2 on page 2-2.
When the VPUMP pin is tied to ground, it will shut off the charge pump circuitry, resulting in no sources of
oscillation from the charge pump circuitry.
For proper programming, 0.01 µF and 0.33 µF capacitors (both rated at 16 V) are to be connected in
parallel across VPUMP and GND, and positioned as close to the FPGA pins as possible.
Microsemi recommends that VPUMP and VJTAG power supplies be kept separate with independent
filtering capacitors rather than supplying them from a common rail.
User Pins
I/O
User Input/Output
The I/O pin functions as an input, output, tristate, or bidirectional buffer. Input and output signal levels are
compatible with the I/O standard selected.
During programming, I/Os become tristated and weakly pulled up to VCCI. With VCCI, VMV, and VCC
supplies continuously powered up, when the device transitions from programming to operating mode, the
I/Os are instantly configured to the desired user configuration.
Unused I/Os are configured as follows:
•
Output buffer is disabled (with tristate value of high impedance)
•
Input buffer is disabled (with tristate value of high impedance)
•
Weak pull-up is programmed
GL
Globals
GL I/Os have access to certain clock conditioning circuitry (and the PLL) and/or have direct access to the
global network (spines). Additionally, the global I/Os can be used as regular I/Os, since they have
identical capabilities. Unused GL pins are configured as inputs with pull-up resistors.
See more detailed descriptions of global I/O connectivity in the "Clock Conditioning Circuits in IGLOO
and ProASIC3 Devices" chapter of the ProASIC3 FPGA Fabric User’s Guide. All inputs labeled GC/GF
are direct inputs into the quadrant clocks. For example, if GAA0 is used for an input, GAA1 and GAA2
are no longer available for input to the quadrant globals. All inputs labeled GC/GF are direct inputs into
the chip-level globals, and the rest are connected to the quadrant globals. The inputs to the global
network are multiplexed, and only one input can be used as a global input.
Refer to the I/O Structure section of the handbook for the device you are using for an explanation of the
naming of global pins.
FF
Flash*Freeze Mode Activation Pin
Flash*Freeze is available on IGLOO, ProASIC3L, and RT ProASIC3 devices. It is not supported on
ProASIC3/E devices. The FF pin is a dedicated input pin used to enter and exit Flash*Freeze mode. The
FF pin is active-low, has the same characteristics as a single-ended I/O, and must meet the maximum
rise and fall times. When Flash*Freeze mode is not used in the design, the FF pin is available as a
regular I/O. For IGLOOe, ProASIC3EL, and RT ProASIC3 only, the FF pin can be configured as a
Schmitt trigger input.
When Flash*Freeze mode is used, the FF pin must not be left floating to avoid accidentally entering
Flash*Freeze mode. While in Flash*Freeze mode, the Flash*Freeze pin should be constantly asserted.
The Flash*Freeze pin can be used with any single-ended I/O standard supported by the I/O bank in
which the pin is located, and input signal levels compatible with the I/O standard selected. The FF pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com