Electronic Components Datasheet Search
  English  ▼

X  

MP26075 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP26075
Description  High Efficiency Cradle Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26075 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP26075 Datasheet HTML 1Page - Monolithic Power Systems MP26075 Datasheet HTML 2Page - Monolithic Power Systems MP26075 Datasheet HTML 3Page - Monolithic Power Systems MP26075 Datasheet HTML 4Page - Monolithic Power Systems MP26075 Datasheet HTML 5Page - Monolithic Power Systems MP26075 Datasheet HTML 6Page - Monolithic Power Systems MP26075 Datasheet HTML 7Page - Monolithic Power Systems MP26075 Datasheet HTML 8Page - Monolithic Power Systems MP26075 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP26075 – HIGH EFFICIENCY CRADLE CHARGER
MP26075 Rev. 1.01
www.MonolithicPower.com
2
5/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Battery Voltage
Package
Top Marking
Free Air Temperature (TA)
MP26075EQ
4.20V
QFN10 (3x3mm)
8N
–20
C to +85C
MP26075EQ-41**
4.10V
ACC
* For Tape & Reel, add suffix –Z (e.g. MP26075EQ–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP26075EQ–LF–Z)
** MP26075 has several options with different battery voltages.
Please refer to the ordering information list. And Contact factory for other battery voltages.
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND..................................–0.3V to +28V
LED-R and LED-G Maximum Sink Current .... 20mA
All Other Pins to GND..................-0.3V to +6.5V
Continuous Power Dissipation
(TA = +25°C)
(2)
............................................................. 2.5W
Junction Temperature...............................140
C
Lead Temperature ....................................260
C
Storage Temperature.............. –65°C to +150
C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..........................2.2V to 6.3V
Maximum Junction Temp. (TJ). .............. +125C
Thermal Resistance
(4)
θJA
θJC
3x3 QFN10 ............................. 50 ...... 12...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com