Electronic Components Datasheet Search
  English  ▼

X  

MP26075 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP26075
Description  High Efficiency Cradle Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26075 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP26075 Datasheet HTML 1Page - Monolithic Power Systems MP26075 Datasheet HTML 2Page - Monolithic Power Systems MP26075 Datasheet HTML 3Page - Monolithic Power Systems MP26075 Datasheet HTML 4Page - Monolithic Power Systems MP26075 Datasheet HTML 5Page - Monolithic Power Systems MP26075 Datasheet HTML 6Page - Monolithic Power Systems MP26075 Datasheet HTML 7Page - Monolithic Power Systems MP26075 Datasheet HTML 8Page - Monolithic Power Systems MP26075 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP26075
High Efficiency Cradle Charger
MP26075 Rev. 1.01
www.MonolithicPower.com
1
5/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP26075 is a linear, high performance,
and high efficiency single cell Li-Ion or Li-
polymer battery charger for AC adapter input in
the plug-in, cradle charger applications.
The device will control the AC adapter output
voltage against the battery voltage to increases
energy efficiency. Additionally, MP26075 can
provide very low pre-charge charge current for
deep-discharged battery.
For guaranteed safe operation, MP26075
controls power up sequencing. It ramps-up AC
adapter firstly to limit inrush current when the
adapter plug in. Other safety feature includes
battery temperature monitoring, charge time-out
and
fault
indications,
it
also
provides
input/output over voltage protection and charge
status indications.
MP26075 is available in QFN 3x3mm package.
FEATURES
 Voltage control function for the fly-back
controller
 High charge efficiency
 Battery voltage options: 4.05V-4.20V.
 Low current pre-charge mode
 Controlled power-up sequencing
 Battery temperature monitoring
 Charge status indication
 Auto-Recharge
 Fault indications
 Internal timer
 Input/output OVP
 Over temperature protection
APPLICATIONS
 Cell Phones
 Portable Music Players
 Smart Phones
 PDA
 Digital Cameras
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
GND
CTL
COM
TMR
ISET
LED-R
LED-G
BATT
NTC
MP26075
Battery
Pack
COUT
RNTC
Photo-Coupler
CIN


Similar Part No. - MP26075

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2607 MPS-MP2607 Datasheet
337Kb / 15P
Li, LINEAR Charger WithSystem Power Path Management
MP2607 MPS-MP2607 Datasheet
397Kb / 15P
Li LINEAR Charger WithSystem Power Path Management
5/18/2015 Rev. 1.03
MP2607DL MPS-MP2607DL Datasheet
337Kb / 15P
Li, LINEAR Charger WithSystem Power Path Management
MP2607DL MPS-MP2607DL Datasheet
397Kb / 15P
Li LINEAR Charger WithSystem Power Path Management
5/18/2015 Rev. 1.03
MP2607DL-LF-P MPS-MP2607DL-LF-P Datasheet
397Kb / 15P
Li LINEAR Charger WithSystem Power Path Management
5/18/2015 Rev. 1.03
More results

Similar Description - MP26075

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
High Efficiency Standalone Nickel Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011 Datasheet
227Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
High Efficiency Standalone Nickel Battery Charger
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
High Efficiency Standalone Nickel Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
logo
List of Unclassifed Man...
WS2596B ETC2-WS2596B Datasheet
693Kb / 9P
High Efficiency Charger Control IC
logo
Shenzhen Winsemi Microe...
WS2596B WINSEMI-WS2596B Datasheet
693Kb / 9P
High Efficiency Charger Control IC
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
High Efficiency MPPT Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com