Electronic Components Datasheet Search
  English  ▼

X  

MP26075 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP26075
Description  High Efficiency Cradle Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26075 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP26075 Datasheet HTML 4Page - Monolithic Power Systems MP26075 Datasheet HTML 5Page - Monolithic Power Systems MP26075 Datasheet HTML 6Page - Monolithic Power Systems MP26075 Datasheet HTML 7Page - Monolithic Power Systems MP26075 Datasheet HTML 8Page - Monolithic Power Systems MP26075 Datasheet HTML 9Page - Monolithic Power Systems MP26075 Datasheet HTML 10Page - Monolithic Power Systems MP26075 Datasheet HTML 11Page - Monolithic Power Systems MP26075 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP26075 – HIGH EFFICIENCY CRADLE CHARGER
MP26075 Rev. 1.01
www.MonolithicPower.com
11
5/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Fault Indication
Charger off
Adapter OK?
VIN_UVLO<VIN<VIN_OVP
Start
Battery OK?
NTC connection
YES
NO
NO
Timer Out?
Charge Mode?
VBAT>=VBAT_TC
?
VBAT<VBAT_TC
VBAT_CC=<VBAT<VBAT_CV
YES
VBAT_TC=<VBAT<VBAT_CC
VBAT>=VBAT_CC?
ICHG<IBF
Battery Full ?
YES
Charge On,
LED-R on &
LED-G off
Finish charging
LED-R off& LED-G on
VIN=5V
CC-charge
VIN=BATT+0.5V
TC-Charge
VIN=5V
Pre -Charge
VIN=5V
NO
VBAT<VBAT_RECHG?
YES
NO
NO
NO
Normal Operation
CV-charge
VIN=BATT+0.5V
VBAT>=VBAT_CV?
YES
NO
VBAT>=VBAT_CV
YES
NO
Timer Out?
NO
YES
YES
Any Protection
?
NO
Whole charge
Timer Out?
YES
NO
YES
NTC Fault?
YES
Charge Suspend
NTC OK?
Thermal
Protection
YES
YES
Charger Recovery
Fold back charge
current
Fault Protection
NO
Charge Termination
Float LED-R and
LED-G
YES
NO
NO
Figure 4— Normal Charge Operation and Fault Protection Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com