Electronic Components Datasheet Search
  English  ▼

X  

MP26075 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP26075
Description  High Efficiency Cradle Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26075 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP26075 Datasheet HTML 1Page - Monolithic Power Systems MP26075 Datasheet HTML 2Page - Monolithic Power Systems MP26075 Datasheet HTML 3Page - Monolithic Power Systems MP26075 Datasheet HTML 4Page - Monolithic Power Systems MP26075 Datasheet HTML 5Page - Monolithic Power Systems MP26075 Datasheet HTML 6Page - Monolithic Power Systems MP26075 Datasheet HTML 7Page - Monolithic Power Systems MP26075 Datasheet HTML 8Page - Monolithic Power Systems MP26075 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP26075 – HIGH EFFICIENCY CRADLE CHARGER
MP26075 Rev. 1.01
www.MonolithicPower.com
3
5/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN=5V (fast charge state not included), TA=-20°C to +85°C, Typical values are at TA=+25°C,
unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Battery Voltage
Regulation
4.20V
VBATT
TA=-5°C to +75°C
IBATT=0A
4.16
4.20
4.24
V
4.15V
4.11
4.15
4.19
4.10V
4.06
4.10
4.14
4.05V
4.01
4.05
4.09
Constant Current Regulation
ICHG
VIN=5V,VBATT=3.8V,
RCHG=1.7k
0.85
1
1.2
A
Constant Current Variation
VIN=5V,VBATT=3.8V,
TA=0°C to 85°C
RCHG=1.7k~8.0k
85
100
120
%
Trickle current regulation
ICHG
VIN=5V,VBATT=2.5V
RCHG=1.7k
85
100
120
mA
Input voltage regulation
VIN
When VBATT<3V
5
V
When VBATT>3V,
ICHG>100mA
VBATT+0.5V
V
When VBATT>3V,
ICHG<100mA
5
V
VIN-VBATT during fast charge state
VBATT=3.8V
500
mV
Input UVLO threshold
VIN
1.5
2.0
2.5
V
UVLO hysteresis
200
mV
Input OVP threshold
VIN
6.1
6.3
6.5
V
Input OVP hysteresis
500
mV
Output over voltage
threshold
VBATT=4.2V
VBATT-OVP VIN=4.85V
4.25
4.35
4.5
V
VBATT=4.1V
VBATT-OVP VIN=4.85V
4.15
4.25
4.4
V
Battery Pre-charge Range
Vpre-Charge VIN=5V
0
2.1
V
Battery Trickle-charge Threshold
VTC-CHarge VIN=5V
2.1
V
Battery Fast-charge Threshold
VFast-Charge VIN=5V
3
V
LED RED sink current
PIN voltage=0.2V
8
mA
LED GREE sink current
PIN voltage=0.2V
8
mA
BATT reverse current to BATT PIN
VIN = 0 or floating
2
μA
Recharge Voltage attenuate from
VBATT
8
%VBATT
NTC High Threshold
VNTC_HIGH VIN=5V
2.16
V
NTC High Trip Hysteresis
VIN=5V
78
mV
NTC Low Threshold
VNTC_LOW VIN=5V
0.37
V
NTC Low Trip Hysteresis
VIN=5V
30
mV
Timer frequency
CTMR=0.1μF
7
Hz
Die temperature Limit
(5)
120
°C
Notes:
5) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com