Electronic Components Datasheet Search
  English  ▼

X  

MP26075 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP26075
Description  High Efficiency Cradle Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26075 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP26075 Datasheet HTML 2Page - Monolithic Power Systems MP26075 Datasheet HTML 3Page - Monolithic Power Systems MP26075 Datasheet HTML 4Page - Monolithic Power Systems MP26075 Datasheet HTML 5Page - Monolithic Power Systems MP26075 Datasheet HTML 6Page - Monolithic Power Systems MP26075 Datasheet HTML 7Page - Monolithic Power Systems MP26075 Datasheet HTML 8Page - Monolithic Power Systems MP26075 Datasheet HTML 9Page - Monolithic Power Systems MP26075 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP26075 – HIGH EFFICIENCY CRADLE CHARGER
MP26075 Rev. 1.01
www.MonolithicPower.com
6
5/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Test with AC_IN=220V flyback, CIN_CHARGER = 4.7μF, COUT_CHARGER = 10μF, ICHG = 1000mA, unless
otherwise noted.
VBATT
2V/div.
VIN
2V/div.
IBATT
500mA/div.
VBATT
2V/div.
VNTC
2V/div.
VIN
2V/div.
IBATT
1A/div.
VBATT
2V/div.
VBATT
2V/div.
VIN
2V/div.
IBATT
500mA/div.
VBATT
2V/div.
VIN
2V/div.
IBATT
500mA/div.
VBATT
2V/div.
VTMR
500mV/div.
VIN
2V/div.
IBATT
50mA/div.
LED-R
2V/div.
LED-G
2V/div.
IBATT
200mA/div.
40
v.
Input Power Start Up
Real Battery, VBATT=3.8V
2s/div.
Input Power Shut Down
Real Battery, VBATT=3.8V
10 s/div.
Auto Re-charge
Battery Float
v.
NTC Window Control
VBATT=3.8V,
CV Load VNTC from 0V to 2.5V
100 s/div.
Input OVP Entry
Open flyback Loop,
VBATT=3.8V, VIN from 5V to 7V
v.
Timer Out
VBATT=2.1V, CTMR=100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com