Electronic Components Datasheet Search
  English  ▼

X  

MP26075 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP26075
Description  High Efficiency Cradle Charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26075 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP26075 Datasheet HTML 4Page - Monolithic Power Systems MP26075 Datasheet HTML 5Page - Monolithic Power Systems MP26075 Datasheet HTML 6Page - Monolithic Power Systems MP26075 Datasheet HTML 7Page - Monolithic Power Systems MP26075 Datasheet HTML 8Page - Monolithic Power Systems MP26075 Datasheet HTML 9Page - Monolithic Power Systems MP26075 Datasheet HTML 10Page - Monolithic Power Systems MP26075 Datasheet HTML 11Page - Monolithic Power Systems MP26075 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP26075 – HIGH EFFICIENCY CRADLE CHARGER
MP26075 Rev. 1.01
www.MonolithicPower.com
8
5/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
The high-efficiency linear charger is mainly for
plug-in, cradle charger applications. The device
features using a photo-coupler to directly
feedback the charge voltage and charge current
information
to
the
primary
side.
It
is
recommended to use with flyback controller for
smooth system setup.
Figure 2 is the typical configuration for the
charger with photo-coupler feedback to control
the AC adapter. The voltage change of the CTL
pin will be transferred to the comp pin of the AC
adapter controller by the photo-coupler, which
controls the conduction time of the primary side
switch. The output voltage at secondary side of
the transformer is then adjusted.
EMI
Filter+
Rectifier
Fly-back
Controller
VIN
GND
CTL
COM
TMR
ISET
LED-R
LED-G
BATT
NTC
MP26075
AC
Input
Single Cell
Battery
COUT
RNTC
Photo-Coupler
COMP
Figure 2— System Configuration
Input Voltage Range
The MP26075 has built-in input voltage surge
protection as high as ±28V. The charger IC will
be automatically disabled when the input voltage
is lower than 2.2V or higher than 6.3V. If the
input voltage is lower than the battery voltage,
the IC is also disabled to prevent the battery from
draining. The MP26075 includes a proprietary
input reverse polarity circuit that eliminates the
requirement for an external Schottky diode.
Charge Cycle (Mode Change: Precharge->
Trickle -> CC-> CV)
Figure 3 below shows the typical charge profile
for the MP26075. For a fully depleted battery with
a terminal voltage lower than 2.1V, the MP26075
will start with 1mA pre-charge. If the charger
stays in the pre-charge mode longer than 512
cycles, LED-R and LED-G pins become high to
indicate the battery fault, and the charge is
terminated. And when battery voltage reaches
2.1V the MP26075 will start the trickle charge
(preconditioning) at 10% of the full charge current
based on the value of RCHG. If the charger stays
in the trickle mode longer than 16384 cycles,
LED-R and LED-G
pins become high to indicate
battery fault, and the charge is terminated. After
the battery voltage reaches 3.0V, the charger
begins charge at the constant current of the
programmed value (ICHG). This is referred to as
the constant current (CC) mode. Once the
battery voltage reaches the battery regulation
voltage (e.g.4.2V), the charger will operate in the
constant voltage (CV) mode until the battery is
fully charged. The charge current drops during
CV mode, and the battery full indication is set
when the charge current reduced to 10% of the
programmed constant current value (ICHG), and
the charge process is terminated. Recharge will
start after the battery voltage is reduced to 8% of
VBATT. After 262144 cycles of continuous charge,
if the battery is still not reaching 10% of ICHG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com