Electronic Components Datasheet Search
  English  ▼

X  

DPO3COMP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DPO3COMP
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3COMP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DPO3COMP Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 12Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 13Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 14Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Vertical system digital channels
Thresholds
Threshold per set of 8 channels
Threshold selections
TTL, CMOS, ECL, PECL, User-defined
User-defined threshold range
–15 V to +25 V
Maximum input voltage
–20 V to +30 V
Threshold accuracy
±[100 mV + 3% of threshold setting]
Maximum input dynamic range
50 Vp-p (threshold setting dependent)
Minimum voltage swing
500 mVp-p
Input resistance
101 kΩ
Probe loading
8 pF
Vertical resolution
1 bit
Horizontal system analog channels
Maximum duration of time
captured at highest sample rate
(all channels)
2 ms
Seconds/division range
1 ns/div to 1000 s/div
Time-base delay time range
-10 divisions to 5000 s
Channel-to-channel deskew range ±100 ns
Time base accuracy
±10 ppm over any ≥1 ms interval
Horizontal system digital channels
Seconds/division range
1 ns/div to 1000 s/div
Maximum record length (main, all
channels)
5 M points
Maximum sample rate (MagniVu,
all channels)
8.25 GS/s (121.2 ps resolution)
Maximum record length (MagniVu,
all channels)
10 k points centered on the trigger
Minimum detectible pulse width
2.0 ns
Channel-to-channel skew
500 ps, typical, digital channel to digital channel only This is the propagation path skew and ignores skew contributions due to
bandpass distortion, threshold inaccuracies (see Threshold accuracy), and sample binning (see Digital channel timing resolution)
MSO3000 Series and DPO3000 Series Mixed Signal Oscilloscopes
www.tektronix.com 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com