Electronic Components Datasheet Search
  English  ▼

X  

DPO3COMP Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # DPO3COMP
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3COMP Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button DPO3COMP Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 12Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 13Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 14Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 15Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 16Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 17Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Safe operating area
Graphical display and mask testing of switching device safe operating area measurements.
dV/dt and dI/dt measurements
Cursor measurements of slew rate.
Waveform math
Arithmetic
Add, subtract, multiply, and divide waveforms.
Math functions
Integrate, Differentiate, FFT.
FFT
Spectral magnitude. Set FFT Vertical Scale to Linear RMS or dBV RMS, and FFT Window to Rectangular, Hamming, Hanning, or
Blackman-Harris.
Advanced math
Define extensive algebraic expressions including waveforms, reference waveforms, math functions (FFT, Intg, Diff, Log, Exp, Sqrt,
Sine, Cosine, Tangent), scalars, up to two user-adjustable variables and results of parametric measurements (Period, Freq, Delay,
Rise, Fall, PosWidth, NegWidth, BurstWidth, Phase, PosDutyCycle, NegDutyCycle, PosOverShoot, NegOverShoot, PeakPeak,
Amplitude, RMS, CycleRMS, High, Low, Max, Min, Mean, CycleMean, Area, CycleArea, and trend plots), e.g.,(Intg(Ch1 -
Mean(Ch1)) × 1.414 × VAR1).
Software
NI LabVIEW SignalExpress™
Tektronix Edition
A fully interactive measurement software environment optimized for your Tektronix oscilloscope, enables you to instantly acquire,
generate, analyze, compare, import, and save measurement data and signals using an intuitive drag-and-drop user interface that
does not require any programming.
Standard support for acquiring, controlling, viewing, and exporting your live analog-channel signal data is permanently available
through the software. The full version (SIGEXPTE) adds additional signal processing, advanced analysis, mixed signal, sweeping,
limit testing, and user-defined step capabilities and is available for a 30-day trial period standard with each instrument.
OpenChoice® Desktop
Enables fast and easy communication between a Windows PC and your oscilloscope using USB or LAN. Transfer and save
settings, waveforms, measurements, and screen images. Included Word and Excel toolbars automate the transfer of acquisition
data and screen images from the oscilloscope into Word and Excel for quick reporting or further analysis.
IVI driver
Provides a standard instrument programming interface for common applications such as LabVIEW, LabWindows/CVI,
Microsoft .NET, and MATLAB.
e*Scope® Web-based remote
control
Enables control of the oscilloscope over a network connection through a standard web browser. Simply enter the IP address or
network name of the oscilloscope and a web page will be served to the browser.
Display system
Display type
9 inch (228.6 mm) wide format liquid crystal TFT color display.
Display resolution
800 horizontal × 480 vertical pixels (WVGA).
Waveform styles
Vectors, Dots, Variable Persistence, Infinite Persistence.
Graticules
Full, Grid, Cross Hair, Frame, IRE and mV.
Format
YT and XY.
Maximum waveform capture rate
>50,000 wfm/s.
Datasheet
Power measurements (optional)
14 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com