Electronic Components Datasheet Search
  English  ▼

X  

DPO3COMP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DPO3COMP
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3COMP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DPO3COMP Datasheet HTML 1Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 2Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 3Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 4Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 5Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Mixed signal design and analysis (MSO
series)
The MSO models provide 16 digital channels which are tightly integrated
into the oscilloscope's user interface. This simplifies operation and makes it
possible to solve mixed-signal issues easily.
The MSO Series provides 16 integrated digital channels enabling you to view and
analyze time-correlated analog and digital signals.
Color-coded digital waveform display
This oscilloscope has redefined the way you view digital waveforms. One
common problem shared by both logic analyzers and mixed-signal
oscilloscopes is determining if data is a one or a zero when zoomed in far
enough that the digital trace stays flat all the way across the display. Color-
coded digital traces display ones in green and zeros in blue.
The multiple transition detection hardware shows you a white edge on the
display when the system detects multiple transitions. White edges indicate
that more information is available by zooming in or acquiring at faster
sampling rates. In most cases zooming in will reveal the pulse that was not
viewable with the previous settings. If the white edge is still present after
zooming in as far as possible, this indicates that increasing the sample rate
on the next acquisition will reveal higher frequency information than the
previous settings could acquire.
White edges indicate additional information is available by zooming in. As shown here,
zooming in on the white edge reveals a hidden glitch.
You can group digital waveforms and enter waveform labels by using a
USB keyboard. By simply placing digital waveforms next to each other, they
form a group.
With color-coded digital waveform display, groups are created by simply placing digital
channels together on the screen, allowing digital channels to be moved as a group. You
can set threshold values for each channel, enabling support for up to 16 different logic
families.
Once a group is formed, you can position all the channels contained in that
group collectively. This greatly reduces the normal setup time associated
with positioning channels individually.
MSO3000 Series and DPO3000 Series Mixed Signal Oscilloscopes
www.tektronix.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com