Electronic Components Datasheet Search
  English  ▼

X  

DPO3COMP Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DPO3COMP
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3COMP Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DPO3COMP Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 12Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 13Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 14Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 15Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 16Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 17Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 18Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Input/output ports
USB 2.0 high-speed host port
Supports USB mass storage devices, printers, and keyboards. One port available on rear panel and one on front panel.
LAN port (Ethernet)
RJ-45 connector, supports 10/100BASE-T.
GPIB interface
Available as an optional accessory that connects to the USB Device and USB Host port with the TEK-USB-488 GPIB to USB
Adapter. The control interface is incorporated in the instrument user interface.
Video out port
DB-15 female connector, connect to show the oscilloscope display on an external monitor or projector. SVGA resolution.
Auxiliary input
Front-panel BNC connector. Input Impedance 1 MΩ. Max input 300 VRMS CAT II with peaks ≤ ±425 V.
Probe compensator output voltage
and frequency
Front-panel pins
Amplitude
0 to 2.5 V
Frequency
1 kHz
Trigger out
Rear-panel BNC connector, provides a negative-polarity pulse when the oscilloscope triggers.
Kensington-style lock
Rear-panel security slot connects to standard Kensington-style lock.
Power source
Power source voltage
85 to 265 V ±10%
Power source frequency
45 to 440 Hz (85 to 265 V)
Power consumption
120 W maximum
Optional TekVPI® external power
supply 2
Output voltage
12 V
Output current
5 A
Power consumption
50 W
Physical characteristics
Dimensions
mm
in.
Height
203.2
8
Width
416.6
16.4
Depth
147.3
5.8
Weight
kg
lb.
Net
4.17
9.2
Shipping
8.62
19
Rackmount configuration
5U
Cooling clearance
2 in. (51 mm) required on left side and rear of instrument
2
Required when total oscilloscope probe power usage exceeds 20 W.
MSO3000 Series and DPO3000 Series Mixed Signal Oscilloscopes
www.tektronix.com 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com