Electronic Components Datasheet Search
  English  ▼

X  

DPO3COMP Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DPO3COMP
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3COMP Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DPO3COMP Datasheet HTML 13Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 14Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 15Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 16Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 17Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 18Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 19Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 20Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Standard accessories
Probes
P6139A
500 MHz, 10x passive probe (one per analog channel)
P6316 (MSO models only)
16-channel logic probe and accessory kit (one per instrument)
Accessories
Please specify power plug and manual language version when ordering.
200-5052-xx
Front cover
063-4104-xx
Documentation CD
016-2008-xx
Accessory pouch
—
User manual
—
Power cord
—
OpenChoice® Desktop software
—
NI LabVIEW SignalExpress® Tektronix Edition LE software
—
Calibration certificate documenting traceability to National Metrology Institute(s) and ISO9001 quality system registration
Warranty
Three-year warranty covering all parts and labor, excluding probes.
Application modules
Application modules have licenses which can be transferred between an application module and an oscilloscope. The license may be contained in the module; allowing the
module to be moved from one instrument to another. Or, the license can be contained in the oscilloscope; allowing the module to be removed and stored for safekeeping.
Transferring the license to an oscilloscope and removing the module permits the use of more than 4 applications simultaneously.
DPO3AERO
Aerospace Serial Triggering and Analysis Module. Enables triggering on packet-level information on MIL-STD-1553 buses as well
as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with
time-stamp information.
Signal Inputs - Any Ch1 - Ch4, Math, Ref1 - Ref4
Recommended Probing - Differential or single ended (only one single-ended signal required)
DPO3AUDIO
Audio Serial Triggering and Analysis Module. Enables triggering on packet-level information on I2S, Left Justified, Right Justified,
TDM, and custom audio buses, as well as analytical tools such as digital views of the signal, bus views, packet decoding, search
tools, and packet decode tables with time stamp information.
Signal Inputs - Any Ch1 - Ch4 (and any D0 - D15 on MSO models)
Recommended Probing - Single ended
DPO3AUTO
Automotive Serial Triggering and Analysis Module. Enables triggering on packet-level information on CAN bus and LIN bus as well
as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with
time stamp information.
Signal Inputs - LIN: Any Ch1 - Ch4 (and any D0 - D15 on MSO models); CAN: Any Ch1 - Ch4 (and any D0 - D15 on MSO models;
single-ended probing only)
Recommended Probing - LIN: Single ended; CAN: Single ended or differential
MSO3000 Series and DPO3000 Series Mixed Signal Oscilloscopes
www.tektronix.com 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com