Electronic Components Datasheet Search
  English  ▼

X  

DPO3COMP Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DPO3COMP
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3COMP Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DPO3COMP Datasheet HTML 14Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 15Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 16Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 17Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 18Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 19Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 20Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 21Page - List of Unclassifed Manufacturers DPO3COMP Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
DPO3COMP
Computer Serial Triggering and Analysis Module. Enables triggering on packet-level information on RS-232/422/485/UART buses
as well as analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables
with time stamp information.
Signal Inputs - Any Ch1 - Ch4 (and any D0 - D15 on MSO models; single-ended probing only)
Recommended Probing - RS-232/UART: Single ended; RS-422/485: Differential
DPO3EMBD
Embedded Serial Triggering and Analysis Module. Enables triggering on packet-level information on I2C and SPI buses as well as
analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time
stamp information. Only two-wire SPI support available on DPO3012, DPO3032, and DPO3052 models.
Signal Inputs - I2C: Any Ch1 - Ch4 (and any D0 - D15 on MSO models); SPI: Any Ch1 - Ch4 (and any D0 - D15 on MSO models)
Recommended Probing - I2C, SPI: Single ended
DPO3FLEX
FlexRay Serial Triggering and Analysis Module. Enables triggering on packet-level information on FlexRay buses as well as
analytical tools such as digital views of the signal, bus views, packet decoding, search tools, packet decode tables with time-stamp
information.
Signal Inputs - Any Ch1 - Ch4 (and any D0 - D15 on MSO models; single-ended probing only)
Recommended Probing - Single ended or differential
DPO3PWR
Power Analysis Module. Enables quick and accurate analysis of power quality, switching loss, harmonics, safe operating area
(SOA), modulation, ripple, and slew rate (dI/dt, dV/dt).
DPO3VID
HDTV and Custom (nonstandard) Video Triggering Module.
Instrument options
Bandwidth upgrades
Bandwidth is fully upgradable (up to 500 MHz) on any MSO/DPO3000 Series oscilloscope. Instruments with serial numbers starting with C02 or B02 are upgraded with a
software option key. Instruments with serial numbers starting with C01 or B01 must be upgraded at an authorized Tektronix service center.
DPO3BW1T32
Bandwidth upgrade from 100 MHz to 300 MHz for an MSO/DPO3012
DPO3BW1T34
Bandwidth upgrade from 100 MHz to 300 MHz for an MSO/DPO3014
DPO3BW1T52
Bandwidth upgrade from 100 MHz to 500 MHz for an MSO/DPO3012
DPO3BW1T54
Bandwidth upgrade from 100 MHz to 500 MHz for an MSO/DPO3014
DPO3BW3T52
Bandwidth upgrade from 300 MHz to 500 MHz for an MSO/DPO3012 or an MSO/DPO3032
DPO3BW3T54
Bandwidth upgrade from 300 MHz to 500 MHz for an MSO/DPO3014 or an MSO/DPO3034
Power cord and plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Datasheet
18 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com