Electronic Components Datasheet Search
  English  ▼

X  

MPQ4558 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MPQ4558
Description  1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4558 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MPQ4558 Datasheet HTML 13Page - Monolithic Power Systems MPQ4558 Datasheet HTML 14Page - Monolithic Power Systems MPQ4558 Datasheet HTML 15Page - Monolithic Power Systems MPQ4558 Datasheet HTML 16Page - Monolithic Power Systems MPQ4558 Datasheet HTML 17Page - Monolithic Power Systems MPQ4558 Datasheet HTML 18Page - Monolithic Power Systems MPQ4558 Datasheet HTML 19Page - Monolithic Power Systems MPQ4558 Datasheet HTML 20Page - Monolithic Power Systems MPQ4558 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
MPQ4558 – 1A, 2MHz, 55V STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4558 Rev. 1.01
www.MonolithicPower.com
17
5/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C1
4.7uF
100V
C3
680pF
C5
NS
R2
40.2kΩ
R1
49.9kΩ
L1
4.7uH
C4
100nF
C2
33uF
16V
D1
VOUT
1.8V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MPQ4558
EN
R5
100kΩ
R4
200kΩ
R3
32.4kΩ
R6
36.5kΩ
6
10
1,2
5
4
8,9
3
7
Figure 3—1.8V Output Typical Application Schematic
C1
4.7uF
100V
C3
330pF
C5
NS
R2
40.2kΩ
R1
210kΩ
L1
15uH
C4
100nF
C2
33uF
16V
D1
VOUT
5V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MPQ4558
EN
R5
100kΩ
R4
200kΩ
R3
47.5kΩ
R6
17.4kΩ
6
10
1,2
5
4
8,9
3
7
Figure 4—5V Output Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com