Electronic Components Datasheet Search
  English  ▼

X  

MPQ4558 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ4558
Description  1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4558 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ4558 Datasheet HTML 1Page - Monolithic Power Systems MPQ4558 Datasheet HTML 2Page - Monolithic Power Systems MPQ4558 Datasheet HTML 3Page - Monolithic Power Systems MPQ4558 Datasheet HTML 4Page - Monolithic Power Systems MPQ4558 Datasheet HTML 5Page - Monolithic Power Systems MPQ4558 Datasheet HTML 6Page - Monolithic Power Systems MPQ4558 Datasheet HTML 7Page - Monolithic Power Systems MPQ4558 Datasheet HTML 8Page - Monolithic Power Systems MPQ4558 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MPQ4558 – 1A, 2MHz, 55V STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4558 Rev. 1.01
www.MonolithicPower.com
5
5/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
DUTY CYCLE
Vin Shut-down vs.
Junction Temperature
Voltage Reference vs.
Junction Temperature
Vin Start-up vs.
Junction Temperature
Venable-low vs.
Junction Temperature
Venable-high vs.
Junction Temperature
On Resistance vs.
Junction Temperature
150
200
250
300
350
400
450
500
-50 -25
0 25
50
75 100 125
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0%
20%
40%
60%
80%
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50 -25
0
25
50
75 100 125
2.90
2.95
3.00
3.05
3.10
3.15
3.20
3.25
-50 -25
0
25
50
75 100 125
2.55
2.58
2.61
2.64
2.67
2.70
2.73
-50 -25
0
25
50
75 100 125
0.780
0.785
0.790
0.795
0.800
0.805
0.810
-50 -25
0
25
50
75 100 125
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
-50 -25
0
25
50
75 100 125
1.21
1.22
1.23
1.24
1.25
1.26
-50 -25
0
25
50
75 100 125
480
485
490
495
500
505
510
-50 -25
0
25
50 75 100 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com