Electronic Components Datasheet Search
  English  ▼

X  

MPQ4558 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ4558
Description  1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4558 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ4558 Datasheet HTML 3Page - Monolithic Power Systems MPQ4558 Datasheet HTML 4Page - Monolithic Power Systems MPQ4558 Datasheet HTML 5Page - Monolithic Power Systems MPQ4558 Datasheet HTML 6Page - Monolithic Power Systems MPQ4558 Datasheet HTML 7Page - Monolithic Power Systems MPQ4558 Datasheet HTML 8Page - Monolithic Power Systems MPQ4558 Datasheet HTML 9Page - Monolithic Power Systems MPQ4558 Datasheet HTML 10Page - Monolithic Power Systems MPQ4558 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MPQ4558 – 1A, 2MHz, 55V STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4558 Rev. 1.01
www.MonolithicPower.com
7
5/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT =3.3V, C1 = 4.7µF, C2 = 22µF, L1 = 10µH and TJ = 25°C, unless otherwise noted.
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Efficiency @VOUT=5V
Output Voltage Ripple
IOUT=0.1A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
500mA/div
Output Voltage Ripple
IOUT=1A
VOUT
AC Coupled
10mV/div
Vsw
10V/div
IL
1A/div
0
10
20
30
40
50
60
70
80
90
0
0.5
0.25
0.75
1
VIN=12V
VIN=12V
VIN=55V
VIN=48V
0
0.5
0.25
0.75
1
VEN
2V/div
VOUT
2V/div
Vsw
10V/div
IL
1A/div
IOUT=0.1A
IOUT=1A
VEN
2V/div
VOUT
2V/div
Vsw
10V/div
IL
1A/div
Start up
Start up
Shut down
IOUT=0.1A
EN
2V/div
OUT
2V/div
sw
10V/div
IL
1A/div
Shut down
I
OUT
=1A
VEN
2V/div
VOUT
2V/div
Vsw
10V/div
IL
1A/div
Short Circuit Entry
IOUT=0.1A to Short
OUT
2V/div
sw
10V/div
IL
1A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com