Electronic Components Datasheet Search
  English  ▼

X  

MPQ4558 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ4558
Description  1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4558 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ4558 Datasheet HTML 7Page - Monolithic Power Systems MPQ4558 Datasheet HTML 8Page - Monolithic Power Systems MPQ4558 Datasheet HTML 9Page - Monolithic Power Systems MPQ4558 Datasheet HTML 10Page - Monolithic Power Systems MPQ4558 Datasheet HTML 11Page - Monolithic Power Systems MPQ4558 Datasheet HTML 12Page - Monolithic Power Systems MPQ4558 Datasheet HTML 13Page - Monolithic Power Systems MPQ4558 Datasheet HTML 14Page - Monolithic Power Systems MPQ4558 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MPQ4558 – 1A, 2MHz, 55V STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4558 Rev. 1.01
www.MonolithicPower.com
11
5/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Current Comparator and Current Limit
A current-sense MOSFET accurately senses the
current in the power MOSFET. This signal is then
fed to the high speed current comparator for
current-mode–control purposes, which uses it as
one of its inputs with the COMP voltage. When
the power MOSFET turns on, the comparator is
first blanked until the end of the turn-on transition
to avoid noise issues. When the sensed current
exceeds the COMP voltage, the comparator
output is low and the power MOSFET turns off.
The cycle-by-cycle maximum current of the
internal power MOSFET is internally limited.
Short-Circuit Protection
When the output is shorted to the ground, the
switching frequency folds back and the current
limit falls to reduce the short circuit current. When
the FB voltage equals 0V, the current limit falls to
about 50% of its full current limit. The FB voltage
reaches its 100% of its current limit when it
exceeds 0.4V
When the short-circuit FB voltage is low, the SS
drops by VFB and SS ≈ VFB + 100mV. If the short
circuit is removed, the output voltage recovers at
the SS rate. When FB is high enough, the
frequency and current limit return to normal
values.
Startup and Shutdown
If both VIN and VEN exceed their appropriate
thresholds, the chip starts. The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides stable supply for
the remaining circuitries.
While the internal supply rail is up, an internal
timer blanks the power MOSFET OFF for about
50µs to avoid start-up glitches. When the internal
soft-start block is enabled, it first holds its SS
output low to ensure the other circuits are ready
and then slowly ramps up.
Three events can shut down the chip: EN low, VIN
low and thermal shutdown. In shutdown, the
power MOSFET turns off first to avoid any fault
triggering. The COMP voltage and the internal
supply rail are then pulled down.
Programmable Oscillator
An external resistor—RFREQ connected from the
FREQ
pin
to
GND—sets
the
MPQ4558
oscillating frequency. Calculate the value of
RFREQ from:
FREQ
S
100000
R(kΩ)=
- 5
f(kHz)
For fSW=500kHz, RFREQ=195kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com