Electronic Components Datasheet Search
  English  ▼

X  

MPQ4558 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4558
Description  1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4558 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4558 Datasheet HTML 1Page - Monolithic Power Systems MPQ4558 Datasheet HTML 2Page - Monolithic Power Systems MPQ4558 Datasheet HTML 3Page - Monolithic Power Systems MPQ4558 Datasheet HTML 4Page - Monolithic Power Systems MPQ4558 Datasheet HTML 5Page - Monolithic Power Systems MPQ4558 Datasheet HTML 6Page - Monolithic Power Systems MPQ4558 Datasheet HTML 7Page - Monolithic Power Systems MPQ4558 Datasheet HTML 8Page - Monolithic Power Systems MPQ4558 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MPQ4558
1A, 2MHz, 55V
Step-Down Converter
AEC-Q100 Qualified
MPQ4558 Rev. 1.01
www.MonolithicPower.com
1
5/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ4558 is a high-frequency, step-down
switching regulator with an integrated internal
high-side
high-voltage
power
MOSFET.
It
provides up to a 1A output with current-mode
control for fast loop response and easy
compensation.
The wide 3.8V-to-55V input range accommodates
a variety of step-down applications, including
automotive input. A 12µA shutdown-mode supply
current makes it suitable for battery-powered
applications.
A scaled-down switching frequency in light-load
conditions
provides
high
power-conversion
efficiency over a wide load range while reducing
switching and gate driver losses.
The frequency fold-back prevents inductor current
runaway during startup and thermal shutdown
provides reliable, fault-tolerant operation.
By switching at 2MHz, the MPQ4558 can prevent
EMI
(electromagnetic
interference)
noise
problems, such as those found in AM radio and
ADSL applications.
The MPQ4558 is available in an SOIC8E and a
10-pin 3mm x 3mm QFN package.
FEATURES
• Guaranteed Industrial/Automotive
Temperature Range Limits
• Wide 3.8V-to-55V Operating Input Range
• 250mΩ Internal Power MOSFET
• Up to 2MHz Programmable Switching
Frequency
• 140μA Quiescent Current
• Stable with Ceramic Capacitors
• Internal Soft-Start
• Up to 95% Efficiency
• Output Adjustable from 0.8V to 52V
• Available in SOIC8E and 3mm x 3mm
QFN10 Packages
• Available in AEC-Q100 Grade 1
APPLICATIONS
• High-Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MPQ4558
COMP
FB
FREQ
EN
VIN
GND
SW
BST
VOUT
3.3V @ 1A
VIN
8V to 55V
CONTROL
C1
C4
680pF
D1
C3
100nF
C2
L1
R1
127k
R2
40.2k
R3
200k
R4
24k
0
0.5
0.75
0.25
1
OUTPUT CURRENT (A)
Efficiency @VOUT=3.3V
fs=500kHz
VIN=12V
VIN=55V
100
90
80
70
60
50
40
30
20
10
0


Similar Part No. - MPQ4558

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4558DN MPS-MPQ4558DN Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4558DQ MPS-MPQ4558DQ Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4558DQ-AEC1 MPS-MPQ4558DQ-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4558

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4558 MPS-MP4558 Datasheet
1Mb / 20P
1A, 2MHz, 55V Step-Down Converter
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4559 MPS-MPQ4559 Datasheet
1,016Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4560 MPS-MPQ4560 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4561 MPS-MPQ4561 Datasheet
1Mb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ4558-AEC1 MPS-MPQ4558-AEC1 Datasheet
1Mb / 21P
1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4559-AEC1 MPS-MPQ4559-AEC1 Datasheet
911Kb / 19P
Industrial Grade, 1.5A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
MPQ4561-AEC1 MPS-MPQ4561-AEC1 Datasheet
1,010Kb / 20P
1.5A, 2MHz, 55V Step-Down Converter Available in AEC-Q100
MPQ2451-AEC1 MPS-MPQ2451-AEC1 Datasheet
896Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
EVQ4559DN-00A MPS-EVQ4559DN-00A Datasheet
258Kb / 6P
1.5A, 55V, 2MHz Step-Down Converter Evaluation Board AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com