Electronic Components Datasheet Search
  English  ▼

X  

MPQ4558 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ4558
Description  1A, 2MHz, 55V Step-Down Converter AEC-Q100 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4558 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ4558 Datasheet HTML 5Page - Monolithic Power Systems MPQ4558 Datasheet HTML 6Page - Monolithic Power Systems MPQ4558 Datasheet HTML 7Page - Monolithic Power Systems MPQ4558 Datasheet HTML 8Page - Monolithic Power Systems MPQ4558 Datasheet HTML 9Page - Monolithic Power Systems MPQ4558 Datasheet HTML 10Page - Monolithic Power Systems MPQ4558 Datasheet HTML 11Page - Monolithic Power Systems MPQ4558 Datasheet HTML 12Page - Monolithic Power Systems MPQ4558 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MPQ4558 – 1A, 2MHz, 55V STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4558 Rev. 1.01
www.MonolithicPower.com
9
5/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
BLOCK DIAGRAM
--
+
LOGIC
--
+
0.5ms SS
SS
COMP
ISW
VIN
BST
SW
FREQ
GND
COMP
FB
EN
SS
0V8
REFERENCE
UVLO
INTERNAL
REGULATORS
OSCILLATOR
Figure 1: Functional Block Diagram
OPERATION
The MPQ4558 is a programmable-frequency,
non-synchronous, step-down, switching regulator
with an integrated high-side, high-voltage power
MOSFET. It provides a single, highly efficient
solution with current-mode control for fast loop
response and easy compensation. It features a
wide input voltage range, internal soft-start
control, and precision current limiting. Its very low
operational quiescent current makes it suitable
for battery-powered applications.
PWM Control Mode
At
moderate-to-high
output
current,
the
MPQ4558 operates in a fixed-frequency, peak-
current–control mode to regulate the output
voltage. The internal clock initiates a PWM cycle.
The power MOSFET turns on and remains on
until its current reaches the value set by the
COMP voltage. When the power MOSFET is off,
it remains off for at least 100ns before the next
cycle starts. If, in one PWM period, the power
MOSFET current does not reach the COMP set
current value, the power MOSFET remains on to
saves on a turn-off operation.
Pulse-Skipping Mode
Under
light-load
condition,
the
switching
frequency drops to zero to reduce switching and
driving losses.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal reference (REF) and outputs a
current proportional to the difference between the
two. This output current then charges the
external compensation network to form the
COMP voltage, which controls the power
MOSFET current.
While in operation, the minimum COMP voltage
is clamped to 0.9V and its maximum is clamped
to 2.0V. COMP is internally pulled down to GND
in shutdown mode. Avoid pulling COMP up
beyond 2.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com