Electronic Components Datasheet Search
  English  ▼

X  

AM79C960KC Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 119Page - Advanced Micro Devices AM79C960KC Datasheet HTML 120Page - Advanced Micro Devices AM79C960KC Datasheet HTML 121Page - Advanced Micro Devices AM79C960KC Datasheet HTML 122Page - Advanced Micro Devices AM79C960KC Datasheet HTML 123Page - Advanced Micro Devices AM79C960KC Datasheet HTML 124Page - Advanced Micro Devices AM79C960KC Datasheet HTML 125Page - Advanced Micro Devices AM79C960KC Datasheet HTML 126Page - Advanced Micro Devices AM79C960KC Datasheet HTML 127Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 123 / 127 page
background image
A-1
Am79C960
PCnet-ISA Compatible Media
Interface Modules
APPENDIX A
PCnet-ISA COMPATIBLE 10BASE-T
FILTERS AND TRANSFORMERS
The table below provides a sample list of PCnet-ISA
compatible 10BASE-T filter and transformer modules
available from various vendors. Contact the respective
manufacturer for a complete and updated listing of
components.
Filters
Filters
Filters
Filters
and
Transformers Transformers Transformers
Manufacturer
Part No.
Package
Transformers
and Choke
Dual Chokes
Dual Chokes
Bel Fuse
A556-2006-DE 16-pin 0.3” DIL
√
Bel Fuse
0556-2006-00 14-pin SIP
√
Bel Fuse
0556-2006-01 14-pin SIP
√
Bel Fuse
0556-6392-00 16-pin 0.5” DIL
√
Halo Electronics
FD02-101G
16-pin 0.3” DIL
√
Halo Electronics
FD12-101G
16-pin 0.3” DIL
√
Halo Electronics
FD22-101G
16-pin 0.3” DIL
√
PCA Electronics
EPA1990A
16-pin 0.3” DIL
√
PCA Electronics
EPA2013D
16-pin 0.3” DIL
√
PCA Electronics
EPA2162
16-pin 0.3” SIP
√
Pulse Engineering
PE-65421
16-pin 0.3” DIL
√
Pulse Engineering
PE-65434
16-pin 0.3” SIL
√
Pulse Engineering
PE-65445
16-pin 0.3” DIL
√
Pulse Engineering
PE-65467
12-pin 0.5” SMT
√
Valor Electronics
PT3877
16-pin 0.3” DIL
√
Valor Electronics
FL1043
16-pin 0.3” DIL
√
PCnet-ISA Compatible AUI Isolation
Transformers
The table below provides a sample list of PCnet-ISA
compatible AUI isolation transformers available from
various vendors. Contact the respective manufacturer
for a complete and updated listing of components.
Manufacturer
Part No.
Package
Description
Bel Fuse
A553-0506-AB
16-pin 0.3” DIL
50
µH
Bel Fuse
S553-0756-AE
16-pin 0.3” SMD
75
µH
Halo Electronics
TD01-0756K
16-pin 0.3” DIL
75
µH
Halo Electronics
TG01-0756W
16-pin 0.3” SMD
75
µH
PCA Electronics
EP9531-4
16-pin 0.3” DIL
50
µH
Pulse Engineering
PE64106
16-pin 0.3” DIL
50
µH
Pulse Engineering
PE65723
16-pin 0.3” SMT
75
µH
Valor Electronics
LT6032
16-pin 0.3” DIL
75
µH
Valor Electronics
ST7032
16-pin 0.3” SMD
75
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com