Electronic Components Datasheet Search
  English  ▼

X  

240V Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 240V
Description  T O TA L L A M P S O LU T I O N S
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240V Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 240V Datasheet HTML 9Page - List of Unclassifed Manufacturers 240V Datasheet HTML 10Page - List of Unclassifed Manufacturers 240V Datasheet HTML 11Page - List of Unclassifed Manufacturers 240V Datasheet HTML 12Page - List of Unclassifed Manufacturers 240V Datasheet HTML 13Page - List of Unclassifed Manufacturers 240V Datasheet HTML 14Page - List of Unclassifed Manufacturers 240V Datasheet HTML 15Page - List of Unclassifed Manufacturers 240V Datasheet HTML 16Page - List of Unclassifed Manufacturers 240V Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
www .prolite -lamps.co.uk
13
CANDLE FLAME TIP COMPACT FLUORESCENT
DESCRIPTION
Based on the popular micro candle lamp, but with a decorative flame shaped tip. 2700K
warm white colour. Flame tipped lamps allow the benefits of energy saving lamps to be
applied to esthetic applications where shape and design are critical to the effect desired.
TECHNICAL SPECIFICATION
h
w
CELF/7W/BC/2700K
7
35
240
BC
280
127
37
CELF/7W/SBC/2700
7
35
240
SBC
280
127
37
CELF/7W/SES/2700
7
35
240
SES
280
127
37
CELF/9W/BC/2700K
9
45
240
BC
380
137
37
8,000h
7W Candle
Compact
Fluorescent
100
38
7W Candle
Flame Tip
Compact
Fluorescent
125
37
91
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com