Electronic Components Datasheet Search
  English  ▼

X  

240V Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 240V
Description  T O TA L L A M P S O LU T I O N S
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240V Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 240V Datasheet HTML 4Page - List of Unclassifed Manufacturers 240V Datasheet HTML 5Page - List of Unclassifed Manufacturers 240V Datasheet HTML 6Page - List of Unclassifed Manufacturers 240V Datasheet HTML 7Page - List of Unclassifed Manufacturers 240V Datasheet HTML 8Page - List of Unclassifed Manufacturers 240V Datasheet HTML 9Page - List of Unclassifed Manufacturers 240V Datasheet HTML 10Page - List of Unclassifed Manufacturers 240V Datasheet HTML 11Page - List of Unclassifed Manufacturers 240V Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
www .prolite -lamps.co.uk
8
HELIX DAYLITE COMPACT FLUORESCENT
DESCRIPTION
Helix Daylite lamps are ideal for bathrooms, kitchens and areas where detailed activities
such as sewing, reading, repair or manufacture are undertaken. Good daylight output
makes this lamp a perfect display enhancing lamp. This
type of lamp is frequently used to enhance a working
environment or area. Good colour retention ensures colours
are seen in the best ‘light’.
TECHNICAL SPECIFICATION
h
w
HELIX/11W/BC/64
11
60
240
BC
575
5.5
56.5 x 28.5 x 18.5
101
49
HELIX/11W/ES/64
11
60
240
ES
575
5.5
56.5 x 28.5 x 18.5
101
49
HELIX/15W/BC/64
15
75
240
BC
795
5.5
56.5 x 28.5 x 18.5
108
49
HELIX/15W/ES/64
15
75
240
ES
795
5.5
56.5 x 28.5 x 18.5
108
49
HELIX/18W/BC/64
18
100
240
BC
875
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES/64
18
100
240
ES
875
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/25W/BC/640
25
125
240
BC
1510
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/ES/640
25
125
240
ES
1510
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/ES/110
25
125
110
ES
1510
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/30W/BC/640
30
150
240
BC
1535
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/ES/640
30
150
240
ES
1535
8.5
67.5 x 33.5 x 21.5
158
60
8,000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com