Electronic Components Datasheet Search
  English  ▼

X  

240V Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # 240V
Description  T O TA L L A M P S O LU T I O N S
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240V Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 240V Datasheet HTML 35Page - List of Unclassifed Manufacturers 240V Datasheet HTML 36Page - List of Unclassifed Manufacturers 240V Datasheet HTML 37Page - List of Unclassifed Manufacturers 240V Datasheet HTML 38Page - List of Unclassifed Manufacturers 240V Datasheet HTML 39Page - List of Unclassifed Manufacturers 240V Datasheet HTML 40Page - List of Unclassifed Manufacturers 240V Datasheet HTML 41Page - List of Unclassifed Manufacturers 240V Datasheet HTML 42Page - List of Unclassifed Manufacturers 240V Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
www .prolite -lamps.co.uk
39
LOW VOLTAGE HALOGEN CAPSULE LAMP
TECHNICAL SPECIFICATION
M73
AXIAL
75
12
GY6.35
1320
44
11
M313
TRANSVERSE
75
12
GY6.35
1320
44
11
M180
AXIAL
100
12
GY6.35
1800
44
11
M28
TRANSVERSE
100
12
GY6.35
1800
44
11
MSP24/5/G4
TRANSVERSE
5
24
G4
50
33
9
MSP24/10/G4
TRANSVERSE
10
24
G4
120
33
9
M88
TRANSVERSE
20
24
G4
320
33
9
M89
TRANSVERSE
50
24
GY6.35
950
44
11
M90
AXIAL
100
24
GY6.35
N/A
44
11
M67
TRANSVERSE
100
24
GY6.35
N/A
44
11
M196
AXIAL
150
24
GY6.35
N/A
44
11
M36
AXIAL
250
24
GY6.35
N/A
44
11
MSP28/5/G4
TRANSVERSE
5
28
G4
50
33
9
MSP28/10/G4
TRANSVERSE
10
28
G4
120
33
9
MSP28/20/G4
TRANSVERSE
20
28
G4
320
33
9
M133
TRANSVERSE
50
10
PKX22s
950
42
11
MSP6/5/G4
TRANSVERSE
5
6
G4
50
33
9
MSP6/5/E10
TRANSVERSE
5
6
E10
50
33
9
MSP6/10/E10
TRANSVERSE
10
6
E10
120
33
9
MSP12/5/E10
TRANSVERSE
5
12
E10
50
33
9
MSP12/10/E10
TRANSVERSE
10
12
E10
320
33
9
MSP12/15/E10
TRANSVERSE
15
12
E10
180
33
9
MSP6/10/BA9S
TRANSVERSE
10
6
BA9s
120
33
9
MSP6/20/BA9S
TRANSVERSE
20
6
BA9s
320
33
9
MSP12/5/BA9S
TRANSVERSE
5
12
BA9s
50
33
9
MSP12/10/BA9S
TRANSVERSE
10
12
BA9s
120
33
9
MSP12/20/BA9S200
TRANSVERSE
20
12
BA9s
320
33
9
MSP12/50/BA9S
TRANSVERSE
50
12
BA9s
240
33
9
MSP12V/10W/3200K
TRANSVERSE
10
12
G4
180
33
9
MSP12/20/G4/3200
TRANSVERSE
20
12
G4
380
33
9
MSP12/30/3200
TRANSVERSE
30
12
G4
400
33
9
MSP6/30/G4/3200
TRANSVERSE
30
6
G4
320
33
9
MSP/107530
AXIAL
35
12
G4
600
33
9
MSP24/100/BA15D
TRANSVERSE
100
24
BA15D
N/A
44
11
MSP24/150/GY6.35
TRANSVERSE
150
24
GY6.35
N/A
44
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com