Electronic Components Datasheet Search
  English  ▼

X  

240V Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # 240V
Description  T O TA L L A M P S O LU T I O N S
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240V Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button 240V Datasheet HTML 41Page - List of Unclassifed Manufacturers 240V Datasheet HTML 42Page - List of Unclassifed Manufacturers 240V Datasheet HTML 43Page - List of Unclassifed Manufacturers 240V Datasheet HTML 44Page - List of Unclassifed Manufacturers 240V Datasheet HTML 45Page - List of Unclassifed Manufacturers 240V Datasheet HTML 46Page - List of Unclassifed Manufacturers 240V Datasheet HTML 47Page - List of Unclassifed Manufacturers 240V Datasheet HTML 48Page - List of Unclassifed Manufacturers 240V Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
www .prolite -lamps.co.uk
45
MR8 DICHROIC REFLECTOR LAMP
DESCRIPTION
MR8 Dichroic Lamps are ideal for use in confined spaces or applications where spot
light is needed, with the lamps being as discrete as possible. Suitable uses include small
display cabinets, window displays, jewellers etc.
TECHNICAL SPECIFICATION
h
w
MR8-C/12/5/21
5
12
21º
35
25
MR8-C/12/20/10
20
12
10º
35
25
MR8-C/12/20/21
20
12
21º
35
25
MR8-C/12/20/36
20
12
36º
35
25
MR8-C/12/35/13
35
12
13º
35
25
MR8-C/12/35/24
35
12
24º
35
25
MR8-C/12/35/36
35
12
36º
35
25
10,000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com