Electronic Components Datasheet Search
  English  ▼

X  

240V Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 240V
Description  T O TA L L A M P S O LU T I O N S
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240V Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 240V Datasheet HTML 17Page - List of Unclassifed Manufacturers 240V Datasheet HTML 18Page - List of Unclassifed Manufacturers 240V Datasheet HTML 19Page - List of Unclassifed Manufacturers 240V Datasheet HTML 20Page - List of Unclassifed Manufacturers 240V Datasheet HTML 21Page - List of Unclassifed Manufacturers 240V Datasheet HTML 22Page - List of Unclassifed Manufacturers 240V Datasheet HTML 23Page - List of Unclassifed Manufacturers 240V Datasheet HTML 24Page - List of Unclassifed Manufacturers 240V Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
www .prolite -lamps.co.uk
21
COMPACT FLUORESCENT REFLECTORS
DESCRIPTION
An ultra compact version of the glass compact fluorescent reflectors, offering a longer
life and more efficient lamp. They are available in 2700K warm white. Suitable for
commercial, domestic and retail applications. Available in 9, 15 and 20W.
TECHNICAL SPECIFICATION
h
w
R50/9W/SES/2700K
9
240
SES
100
9
62 x 30.5 x 29.6
90
50
R63/15W/ES/2700K
15
240
ES
100
10
75 x 37 x 32.4
105
63
RO80/20W/ES/2700
20
240
ES
60
7.5
54 x 43.5 x 32.4
115
80
10,000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com