Electronic Components Datasheet Search
  English  ▼

X  

240V Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # 240V
Description  T O TA L L A M P S O LU T I O N S
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240V Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 240V Datasheet HTML 45Page - List of Unclassifed Manufacturers 240V Datasheet HTML 46Page - List of Unclassifed Manufacturers 240V Datasheet HTML 47Page - List of Unclassifed Manufacturers 240V Datasheet HTML 48Page - List of Unclassifed Manufacturers 240V Datasheet HTML 49Page - List of Unclassifed Manufacturers 240V Datasheet HTML 50Page - List of Unclassifed Manufacturers 240V Datasheet HTML 51Page - List of Unclassifed Manufacturers 240V Datasheet HTML 52Page - List of Unclassifed Manufacturers 240V Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
www .prolite -lamps.co.uk
49
DIOTRONIC GU10 LED CLUSTER LAMPS
DESCRIPTION
Pro-Lite offer a comprehensive range of GU10 multi-point (cluster) LED lamps. All lamps
are a like for like direct retrofit to existing halogen style lighting. They are available in a
range of colours including ultra violet. Also available is a colour changing lamp which
fades through red, green and blue to give a dramatic coloured light. Colour changing
lamps automatically synchronize with all lamps on the same power supply. Ideal as ‘fit
and forget’ or night lights.
TECHNICAL SPECIFICATION
GU10/LED/BLUE
1.8
240
BLUE
57
50
GU10/LED/GREEN
1.8
240
GREEN
57
50
GU10/LED/MAGENTA
1.8
240
MAGENTA
57
50
GU10/LED/ORANGE
1.8
240
ORANGE
57
50
GU10/LED/RED
1.8
240
RED
57
50
GU10/LED/UV
1.8
240
ULTRA VIOLET
57
50
GU10/LED/WHITE
1.8
240
WHITE
57
50
GU10/LED/CHANGER
1.8
240
VARIOUS
57
50
h
w
20,000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com