Electronic Components Datasheet Search
  English  ▼

X  

LTC4267IGN Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4267IGN Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC4267IGN Datasheet HTML 1Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 2Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 3Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 4Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 5Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 6Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 7Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 8Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4267
5
4267fc
Input Current vs Input Voltage
25k Detection Range
Input Current vs Input Voltage
Input Current vs Input Voltage
Input Current vs Input Voltage
Signature Resistance vs
Input Voltage
Normalized UVLO Threshold vs
Temperature
Power Good Output Low Voltage
vs Current
POUT Leakage Current
Current Limit vs Input Voltage
TYPICAL PERFOR
CE CHARACTERISTICS
A
VPORTN VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.5
–2
–4
–6
–8
4267 G01
–10
TA = 25°C
VPORTN VOLTAGE (V)
–12
9.0
9.5
10.5
11.0
11.5
–14
–16
4267 G03
10.0
–18
–20
–22
12.0
85°C
–40°C
CLASS 1 OPERATION
VPORTN VOLTAGE (V)
0
0
10
20
30
40
50
–10
–20
–30
–40
4267 G02
–50
–60
CLASS 4
CLASS 3
CLASS 2
CLASS 1
CLASS 0
TA = 25°C
VPORTN VOLTAGE (V)
0
1
2
3
–45
–55
4267 G04
–60
–40
–50
EXCLUDES ANY LOAD CURRENT
TA = 25°C
VPORTN VOLTAGE (V)
–1
22
V1:
V2:
23
25
26
27
–3
–5
4267 G05
24
–7
–9
–6
–10
–2
–4
–8
28
RESISTANCE =
DIODES: S1B
TA = 25C
=
∆V
∆I
V2 – V1
I2 – I1
IEEE UPPER LIMIT
IEEE LOWER LIMIT
LTC4267 + 2 DIODES
LTC4267 ONLY
CURRENT (mA)
0
2
3
8
4267 G07
1
0
2
4
6
10
4
TA = 25°C
POUT PIN VOLTAGE (V)
0
0
30
60
120
90
20
40
4267 G08
60
VIN = 0V
TA = 25°C
VPORTN VOLTAGE (V)
–40
200
–60
4267 G09
100
–45
–50
–55
400
300
85°C
85°C
– 40°C
– 40°C
HIGH CURRENT MODE
LOW CURRENT MODE
TEMPERATURE (C)
–40
–2
–1
0
1
2
–20
0
20
40
4267 G06
60
80
APPLICABLE TO TURN-ON
AND TURN-0FF THRESHOLDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com