Electronic Components Datasheet Search
  English  ▼

X  

LTC4267IGN Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4267IGN Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC4267IGN Datasheet HTML 3Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 4Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 5Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 6Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 7Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 8Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 9Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 10Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4267
7
4267fc
Peak Current Sense Voltage vs
Temperature
Soft-Start Time vs Temperature
Start-Up IPVCC Supply Current vs
Temperature
ITH/RUN Shutdown Threshold vs
Temperature
ITH/RUN Start-Up Current Source
vs Temperature
TEMPERATURE (°C)
–50
0
10
20
30
40
–10
30
70
110
4267 G19
50
60
–30
10
50
90
PVCC = VTURNON – 0.1V
TEMPERATURE (°C)
–50
300
350
400
70
90
4267 G20
250
200
–10
10
–30
30
50
110
150
100
450
TEMPERATURE (°C)
–50
0
100
200
300
400
–10
30
70
110
4267 G21
500
600
–30
10
50
90
PVCC = VTURNON + 0.1V
VITH/RUN = 0V
TEMPERATURE (°C)
–50
100
110
110
4267 G22
90
80
–10
30
70
–30
10
50
90
120
95
105
85
115
PVCC = 8V
TEMPERATURE (°C)
–50
2.0
3.0
110
4267 G23
1.0
0
–10
30
70
–30
10
50
90
4.0
1.5
2.5
0.5
3.5
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com