Electronic Components Datasheet Search
  English  ▼

X  

LTC4267IGN Datasheet(PDF) 27 Page - Linear Integrated Systems

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4267IGN Datasheet(HTML) 27 Page - Linear Integrated Systems

Back Button LTC4267IGN Datasheet HTML 23Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 24Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 25Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 26Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 27Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 28Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 29Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 30Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 31Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC4267
27
4267fc
with minimum trace lengths and minimum capacitance.
In a nonisolated application, R1, and R2 should be placed
as close as possible to the VFB pin of the LTC4267 and
CC should be placed close to the ITH/RUN pin of the
LTC4267.
In essence, a tight overall layout of the high current loop
and careful attention to current density will ensure suc-
cessful operation of the LTC4267 in a PD.
The PD interface section of the LTC4267 is relatively im-
mune to layout problems. Excessive parasitic capacitance
on the RCLASS pin should be avoided. If using the DHC
package, include an electrically isolated heat sink to which
the exposed pad on the bottom of the package can be
soldered. For optimum thermal performance, make the
heat sink as large as possible. The SIGDISA pin is adjacent
to the VPORTP pin and any coupling, whether resistive
APPLICATIO S I FOR ATIO
or capacitive may inadvertently disable the signature
resistance. To ensure consistent behavior, the SIGDISA
pin should be electrically connected and not left floating.
Voltages in a PD can be as large as – 57V, so high voltage
layout techniques should be employed.
Electro Static Discharge and Surge Protection
The LTC4267 is specified to operate with an absolute
maximum voltage of –100V and is designed to tolerate
brief overvoltage events. However, the pins that interface
to the outside world (primarily VPORTN and VPORTP) can
routinely see peak voltages in excess of 10kV. To protect
the LTC4267, it is highly recommended that a transient
voltage suppressor be installed between the diode bridge
and the LTC4267 (D3 in Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com