Electronic Components Datasheet Search
  English  ▼

X  

LTC4267IGN Datasheet(PDF) 25 Page - Linear Integrated Systems

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4267IGN Datasheet(HTML) 25 Page - Linear Integrated Systems

Back Button LTC4267IGN Datasheet HTML 21Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 22Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 23Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 24Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 25Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 26Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 27Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 28Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 29Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC4267
25
4267fc
Figure 16. Auxiliary Power Source for PD
APPLICATIO S I FOR ATIO
RX–
6
RX+
3
TX–
2
TX+
RJ45
T1
1
7
8
5
4
SPARE–
+
–
SPARE+
ISOLATED
WALL
TRANSFORMER
TO PHY
VPORTP
OPTION 1: AUXILIARY POWER INSERTED BEFORE LTC4267 PD
OPTION 2: AUXILIARY POWER INSERTED AFTER LTC4267 PD WITH SIGNATURE DISABLED
VPORTN POUT
PGND
PGND
38V TO 57V
D8
S1B
D3
SMAJ58A
TVS
C1
PGND
PGND
C14
0.1µF
100V
RX–
6
RX+
3
TX–
2
TX+
RJ45
T1
1
7
8
5
4
SPARE–
+
–
SPARE+
ISOLATED
WALL
TRANSFORMER
TO PHY
VPORTP
SIGDISA
LTC4267
LTC4267
BR2
HD01
~
~
+
–
BR1
HD01
~
~
+
–
BR1
HD01
~
~
+
–
VPORTN POUT
4267 F16
D10
S1B
D3
SMAJ58A
TVS
C1
100k
D9
S1B
OPTION 3: AUXILIARY POWER APPLIED TO LTC4267 PD AND SWITCHING REGULATOR
RX–
6
RX+
3
TX–
2
TX+
RJ45
T1
1
7
8
5
4
SPARE–
+
–
SPARE+
ISOLATED
WALL
TRANSFORMER
TO PHY
38V TO 57V
VPORTP
LTC4267
VPORTN POUT
D10
S1B
D3
SMAJ58A
TVS
C1
C14
0.1µF
100V
C14
0.1µF
100V
BR2
HD01
~
~
+
–
BR1
HD01
~
~
+
–
BR2
HD01
~
~
+
–
100k
BSS63
RSTART
CPVCC
RSTART
CPVCC
RSTART
CPVCC
PGND
PVCC
PGND
PVCC
PVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com