Electronic Components Datasheet Search
  English  ▼

X  

LTC4267IGN Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4267IGN Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LTC4267IGN Datasheet HTML 6Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 7Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 8Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 9Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 10Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 11Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 12Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 13Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC4267
10
4267fc
specified to avoid corrupting the 25kΩ signature resistor
while also saving board space and cost. In addition, the in-
rush current limit requirement of the IEEE 802.3af standard
can cause large transient power dissipation in the PD. The
LTC4267 is designed to allow multiple turn-on sequences
without overheating the miniature 16-lead package. In the
event of excessive power cycling, the LTC4267 provides
thermal overload protection to keep the onboard power
MOSFET within its safe operating area.
OPERATION
The LTC4267 PD interface has several modes of opera-
tion depending on the applied input voltage as shown in
Figure 1 and summarized in Table 1. These modes satisfy
the requirements defined in the IEEE 802.3af specification.
The input voltage is applied to the VPORTN pin and must
be negative relative to the VPORTP pin. Voltages in the data
sheet for the PD interface portion of the LTC4267 are with
respect to VPORTP while the voltages for the switching
regulator are referenced to PGND. It is assumed that PGND
is tied to POUT. Note the use of different ground symbols
throughout the data sheet.
Table 1. LTC4267 Operational Mode
as a Function of Input Voltage
INPUT VOLTAGE
(VPORTN with RESPECT to VPORTP) LTC4267 MODE OF OPERATION
0V to – 1.4V
Inactive
–1.5V to –9.5V**
25kΩ Signature Resistor Detection
–9.8V to –12.4V
Classification Load Current Ramps up
from 0% to 100%
–12.5V to UVLO*
Classification Load Current Active
UVLO* to –57V
Power Applied to Switching Regulator
*VPORTN UVLO includes hysteresis.
Rising input threshold ≅ – 36.0V
Falling input threshold ≅ –30.5V
**Measured at LTC4267 pin. The LTC4267 meets the IEEE 802.3af 10V
minimum when operating with the required diode bridges.
APPLICATIO S I FOR ATIO
Figure 1. Output Voltage, ⎯P⎯W⎯R⎯G⎯D and PD
Current as a Function of Input Voltage
DETECTION V1
CLASSIFICATION
UVLO
TURN-ON
UVLO
OFF
POWER
BAD
UVLO
OFF
UVLO
ON
UVLO
TURN-OFF
τ = RLOAD C1
PWRGD TRACKS
VPORTN
DETECTION V2
–10
TIME
–20
–30
–40
–50
–10
TIME
–20
–30
–40
–50
–10
TIME
–20
–30
–40
–50
ICLASS
ILIM_LO
dV
dt
ILIM_LO
C1
=
POWER
BAD
POWER
GOOD
DETECTION I1
CLASSIFICATION
ICLASS
DETECTION I2
LOAD, ILOAD (UP TO ILIM_HI)
CURRENT
LIMIT, ILIM_LO
4267 F01
ICLASS DEPENDENT ON RCLASS SELECTION
ILIM_LO = 140mA (NOMINAL), ILIM_HI = 375mA (NOMINAL)
I1 =
V1 – 2 DIODE DROPS
25k
Ω
ILOAD =
(UP TO ILIM_HI)
VOUT
RLOAD
I2 =
V2 – 2 DIODE DROPS
25k
Ω
VPORTP
PSE
IIN
LTC4267
R9
RCLASS
RLOAD
VOUT
C1
RCLASS
PWRGD
POUT
PGND
VPORTN
VIN
TIME
VOLTAGES WITH RESPECT TO VPORTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com