Electronic Components Datasheet Search
  English  ▼

X  

LTC4267IGN Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LTC4267IGN
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4267IGN Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LTC4267IGN Datasheet HTML 4Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 5Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 6Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 7Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 8Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 9Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 10Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 11Page - Linear Integrated Systems LTC4267IGN Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC4267
8
4267fc
ITH/RUN (Pin 2/Pin 1): Current Threshold/Run Input. This
pin performs two functions. It serves as the switching
regulator error amplifier compensation point as well as
the run/shutdown control input. Nominal voltage range is
0.7V to 1.9V. Forcing the pin below 0.28V with respect to
PGND causes the controller to shut down.
PGND (Pin 1, 8, 9, 16/Pin 2, 15): Switching Regulator
Negative Supply. This pin is the negative supply rail for the
switching regulator controller and must be tied to POUT.
NGATE (Pin 3/Pin 3): Gate Driver Output. This pin drives
the regulator’s external N-Channel MOSFET and swings
from PGND to PVCC.
PVCC (Pin 4/Pin 4): Switching Regulator Positive Supply.
This pin is the positive supply rail for the switching regula-
tor and must be closely decoupled to PGND.
RCLASS(Pin5/Pin5):ClassSelectInput.Usedtosetthecur-
rent value the PD maintains during classification. Connect
a resistor between RCLASS and VPORTN (see Table 2).
VPORTN (Pin 7/Pin 7): Negative Power Input. Tie to the
–48V input port through the input diodes.
POUT (Pin 10/Pin 10): Power Output. Supplies –48V to
the switching regulator PGND pin and any additional PD
loads through an internal power MOSFET that limits input
current. POUT is high impedance until the voltage reaches
the turn-on UVLO threshold. The output is then current
limited. See the Application Information section.
⎯P⎯W⎯R⎯G⎯D (Pin 11/Pin 11):Power Good Output, Open-Drain.
Indicates that the PD MOSFET is on and the switching
regulator can start operation. Low impedance indicates
power is good. ⎯P⎯W⎯R⎯G⎯D is high impedance during detec-
tion, classification and in the event of a thermal overload.
⎯P⎯W⎯R⎯G⎯D is referenced to VPORTN.
SIGDISA (Pin 12/Pin 12):Signature Disable Input. SIGDISA
allows the PD to present an invalid signature resistance
and remain inactive. Connecting SIGDISA to VPORTP lowers
the signature resistance to an invalid value and disables
all functions of the LTC4267. If unused, tie SIGDISA to
VPORTN.
VPORTP (Pin 13/Pin 13): Positive Power Input. Tie to the
input port power return through the input diodes.
SENSE (Pin 14/Pin 14): Current Sense. This pin performs
two functions. It monitors the regulator switch current by
reading the voltage across an external sense resistor. It also
injects a current ramp that develops a slope compensation
voltage across an optional external programming resistor.
See the Applications Information section.
VFB (Pin 15/Pin 16): Feedback Input. Receives the feed-
back voltage from the external resistor divider across the
output.
NC (Pin 6/Pin 6, 8, 9): No Internal Connection.
Backside Connection (DHC Only, Pin 17): Exposed Pad.
This exposed pad must be soldered to an electrically isolated
and thermally conductive PC board heat sink.
(GN/DHC)
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com