Electronic Components Datasheet Search
  English  ▼

X  

AP160 Datasheet(PDF) 10 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 10 Page - AMIC Technology

Back Button AP160 Datasheet HTML 6Page - AMIC Technology AP160 Datasheet HTML 7Page - AMIC Technology AP160 Datasheet HTML 8Page - AMIC Technology AP160 Datasheet HTML 9Page - AMIC Technology AP160 Datasheet HTML 10Page - AMIC Technology AP160 Datasheet HTML 11Page - AMIC Technology AP160 Datasheet HTML 12Page - AMIC Technology AP160 Datasheet HTML 13Page - AMIC Technology AP160 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AP160
Version 0.0
10
AMIC Technology, Inc.
Baud Rate Generator
Timer 2 is selected as the baud rate generator by setting TCLK and/or RCLK in T2CON (Table 2). Note that the baud rates
for transmit and receive can be different if Timer 2 is used for the receiver or transmitter and Timer 1 is used for the other
function. Setting RCLK and/or TCLK puts Timer 2 into its baud rate generator mode, as shown in Figure 4. The baud rate
generator mode is similar to the auto-reload mode, in that a rollover in Th2 causes the Timer 2 registers to be reloaded with
the 16-bit value in registers RCAP2H and RCAP2L, which are preset by software. The baud rates in modes 1 and 3 are
determined by Timer 2’s overflow rate according to the following equation.
Mode 1 and 3 Baud Rates =
16
2
Rate
Overflow
Timer
The Timer can be configured for either timer or counter operation. In most applications, it is configured for timer operation
(CP/T2=0). The Timer operation is different for Timer 2 when it is used as a baud rate generator. Normally, as a timer, it
increments every machine cycle (at 1/12 the oscillator frequency). As a baud rate generator, however, it increments every
state time (at 1/2 the oscillator frequency). The baud rate formula is given below.
)]
2
,
2
(
65536
[
32
3
1
L
RCAP
H
RCAP
Frequency
Oscillator
Rate
Baud
and
Modes
−
×
=
where (RCAP2H,RCAP2L) is the content of RCAP2H and RCAP2L taken as a 16-bit unsigned integer.
Timer 2 as a baud rate generator is shown in Figure 4. This figure is valid only if RCLK or TCLK=1 in T2CON. Note that a
rollover in TH2 does not ser TF2 and will not generate an interrupt. Note too, that if EXEN2 is set, a 1-to-0 transition in T2EX
will set EXF2 but will not cause a reload from (RCAP2H, RCAP2L) to (TH2,TL2). Thus when timer 2 is in use as a baud rate
generator, T2EX can be used as an extra external interrupt. Note that when Timer 2 is running (TR2=1) as a timer in the
baud rate generator mode. TH2 or TL2 should not be read from or written to. Under there conditions, the Timer is
incremented every state time, and the results of a read or write may not be accurate. The RCAP2 registers may be read but
should not be written to, because a write might overlap a reload and cause write and/or reload errors. The timer should be
turned off (clear TR2) before accessing the timer 2 or RCAP2 register.
TIMER 2
INTERRUPT
OSC
T2 PIN
CONTROL
TH2
TL2
RCAP2H
RCAP2L
EXF2
T2EX PIN
EXEN2
TR2
CONTROL
TRANSITION
DETECTOR
RX
CLOCK
TX
CLOCK
"1"
"1"
NOTE:OSC FREQ. IS DIVIDED BY 2, NOT 12
"1"
"0"
TIMER 1 OVERFLOW
"0"
SMOD1
RCLK
TCLK
"0"
C/T2=0
C/T2=1
2
÷
16
÷
16
÷
2
÷
Figure 4. Timer 2 in Baud Rate Generator Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com