Electronic Components Datasheet Search
  English  ▼

X  

AP160 Datasheet(PDF) 14 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 14 Page - AMIC Technology

Back Button AP160 Datasheet HTML 10Page - AMIC Technology AP160 Datasheet HTML 11Page - AMIC Technology AP160 Datasheet HTML 12Page - AMIC Technology AP160 Datasheet HTML 13Page - AMIC Technology AP160 Datasheet HTML 14Page - AMIC Technology AP160 Datasheet HTML 15Page - AMIC Technology AP160 Datasheet HTML 16Page - AMIC Technology AP160 Datasheet HTML 17Page - AMIC Technology AP160 Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
AP160
Version 0.0
14
AMIC Technology, Inc.
EPROM PROGRAMMING MODE
The setup for programming and verification on-chip OPT EPROM of AP160 is shown in Figure 7 and Figure 8,
independently. The address of the EPROM location to be programmed is applied to ports 1 and 2. The code byte to be
programmed into that location and read verified data are applied to port 0. The programming, verifying, Write Lock bits and
read signature byte mode are selectable by the pins of RST, PSEN, ALE/PROG, P2.6, P2.7, P3.6 and P3.7, as shown in
table 8. The programming and verification waveform is shown in Figure 9. VCC must be rising to VCC1 during
programming.
A0~A7
A8~A12
ADDR
0000H/1FFFH
P1
P2.0~P2.4
P2.6
P2.7
P3.6
P3.7
XTAL2
XTAL1
GND
PSEN
RST
EA
ALE
P0
VCC
VCC1
PGM
DATA
PROG
VIH/VPP
VIH
SEE
TABLE 8.
A0~A7
A8~A12
ADDR
0000H/1FFFH
P1
P2.0~P2.4
P2.6
P2.7
P3.6
P3.7
XTAL2
XTAL1
GND
PSEN
RST
EA
ALE
P0
VCC
VCC1
PGM DATA
(10K PULLUPS)
VIH
VIH
SEE
TABLE 8.
Figure 7. Programming the EPROM MEMORY
Figure 8. Verifying the EPROM MEMORY.
EPROM PROGRAMMING AND VERIFICATION CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
VPP
Programming Voltage
11.5
12.5
V
VCC1
Programming Supply Voltage
6.0
6.5
V
PP
I
VPP Current During Program
1.0
mA
ALE/PROG =
IL
V
AS
t
Address Valid to Program Low
2
us
DS
t
Input Valid to Program Low
2
us
VPS
t
VPP Setup Time
2
us
VCS
t
VCC Setup Time
2
us
PW
t
Program Pulse Width
95
105
us
DH
t
Data Hold Time
2
us
VR
t
EA/VPP Recovery Time
2
us
DV
t
Data Valid from P2.7
100
ns
DFP
t
Chip Enable to Output Float Delay
130
ns
AH
t
Address Hold Time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com