Electronic Components Datasheet Search
  English  ▼

X  

AP160 Datasheet(PDF) 21 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 21 Page - AMIC Technology

Back Button AP160 Datasheet HTML 17Page - AMIC Technology AP160 Datasheet HTML 18Page - AMIC Technology AP160 Datasheet HTML 19Page - AMIC Technology AP160 Datasheet HTML 20Page - AMIC Technology AP160 Datasheet HTML 21Page - AMIC Technology AP160 Datasheet HTML 22Page - AMIC Technology AP160 Datasheet HTML 23Page - AMIC Technology AP160 Datasheet HTML 24Page - AMIC Technology AP160 Datasheet HTML 25Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AP160
Version 0.0
21
AMIC Technology, Inc.
SERIAL PORT TIMING: SHIFT REGISTER MODE TEST CONDITIONS
The values in this table are valid for VCC = 2.7V to 5.5V and Load Capacitance = 80pF
12MHZ Osc
Variable Oscillator
Symbol
Parameter
Min
Max
Min
Max
Units
XLXL
t
Serial Port Clock Cycle Time
1.0
12
CLCL
t
ns
QVXH
t
Output Data Setup to Clock Rising Edge
700
10
CLCL
t
-133
ns
XHQX
t
Output Data Hold After Clock Rising Edge
50
2
CLCL
t
-117
ns
XHDX
t
Input Data Hold After Clock Rising Edge
0
0
ns
XHDV
t
Clock Rising Edge to Input Data Valid
700
10
CLCL
t
-133
ns
SHIFT REGISTER MODE TIMING WAVEFORMS
0
1
2
3
4
5
6
7
8
INSTRUCTION
tXLXL
tQVXH
tXHQX
tXHDV
tXHDX
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
0
1
2
3
4
5
6
7
SET TI
SET RI
ALE
CLOCK
OUTPUT DATA
INPUT DATA
WRITE TO SBUF
CLEAR RI
AC TESTING INPUT/OUTPUT WAVEFORMS
VCC-0.5V
0.45V
0.2 VCC + 0.9V
TEST POINTS
0.2 VCC - 0.1V
Note: 1. AC Inputs during testing are driven at V CC - 0.5V for a logic 1 and 0.45V for a logic 0. Timing measurements are
made at V IH min. for a logic 1 and V IL max. for a logic 0.
FLOAT WAVEFORMS
TIMING REFERENCE
POINTS
VLOAD + 0.1V
VLOAD - 0.1V
VLOAD
VOL - 0.1V
VOL + 0.1V
Note: 1. For timing purposes, a port pin is no longer floating when a 100 mV change from load voltage occurs. A port pin
begins to float when a 100 mV change from the loaded VOH /VOL level occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com