Electronic Components Datasheet Search
  English  ▼

X  

AP160 Datasheet(PDF) 20 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 20 Page - AMIC Technology

Back Button AP160 Datasheet HTML 16Page - AMIC Technology AP160 Datasheet HTML 17Page - AMIC Technology AP160 Datasheet HTML 18Page - AMIC Technology AP160 Datasheet HTML 19Page - AMIC Technology AP160 Datasheet HTML 20Page - AMIC Technology AP160 Datasheet HTML 21Page - AMIC Technology AP160 Datasheet HTML 22Page - AMIC Technology AP160 Datasheet HTML 23Page - AMIC Technology AP160 Datasheet HTML 24Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AP160
Version 0.0
20
AMIC Technology, Inc.
EXTERNAL CLOCK DRIVE WAVEFORMS
0.45V
VCC-0.5V
0.7 VCC
0.2 VCC-0.1V
tCHCX
tCLCX
tCLCL
tCLCH
tCHCL
tCHCX
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1/
CLCL
t
Oscillator Frequency
0
16
MHZ
CLCL
t
Clock Period
62.5
ns
CHCX
t
High Time
20
ns
CLCX
t
Low Time
20
ns
CLCH
t
Rise Time
20
ns
CHCL
t
Fall time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com