Electronic Components Datasheet Search
  English  ▼

X  

AP160 Datasheet(PDF) 11 Page - AMIC Technology

Part # AP160
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160 Datasheet(HTML) 11 Page - AMIC Technology

Back Button AP160 Datasheet HTML 7Page - AMIC Technology AP160 Datasheet HTML 8Page - AMIC Technology AP160 Datasheet HTML 9Page - AMIC Technology AP160 Datasheet HTML 10Page - AMIC Technology AP160 Datasheet HTML 11Page - AMIC Technology AP160 Datasheet HTML 12Page - AMIC Technology AP160 Datasheet HTML 13Page - AMIC Technology AP160 Datasheet HTML 14Page - AMIC Technology AP160 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AP160
Version 0.0
11
AMIC Technology, Inc.
Programmable Clock Out
A 50% duty cycle clock can be programmed to come out on P1.0, as shown in Figure 5. This pin, besides being a regular
I/O pin, has two alternate functions. It can be programmed to input the external clock for Timer/Counter 2 or to output a 50%
duty cycle clock ranging from 61 HZ to 4MHZ at a 16MHZ operating frequency. To configure the Timer/Counter 2 as a clock
generator, bit C/T2 (T2CON.1) must be cleared and bit T2OE (T2MOD.1) must be set. Bit Tr2 (T2CON.2) starts and stops
the timer. The clock-out frequency depends on the oscillator frequency and the reload value of Timer 2 capture registers
(RCAP2H, RCAP2L), as shown in the following equation.
)]
2
,
2
(
65535
[
4
L
RCAP
H
RCAP
Frequency
Oscillator
Frequency
Out
Clock
−
×
=
−
In the clock-out mode, Timer 2 roll-overs will not generate an interrupt. This behavior is similar to when Timer 2 is used as a
baud-rate generator. It is possible to use Timer 2 as a baud-rate generator and a clock generator simultaneously. Note,
however, that the baud-rate and clock-out frequencies cannot be determined independently from one another since they
both use RCAP2H and RCAP2L.
TIMER 2
INTERRUPT
OSC
C/T2 BIT
TL2
(8 BITS)
TH2
(8 BITS)
RCAP2L
RCAP2H
EXF2
EXEN2
TR2
TRANSITION
DETECTOR
2
÷
2
÷
P1.0
(T2)
P1.1
(T2EX)
T2OE (T2MOD.1)
Figure 5. Timer 2 in Clock-Out Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com