Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM8261
Description  LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8261 Datasheet(HTML) 5 Page - Texas Instruments

  LM8261 Datasheet HTML 1Page - Texas Instruments LM8261 Datasheet HTML 2Page - Texas Instruments LM8261 Datasheet HTML 3Page - Texas Instruments LM8261 Datasheet HTML 4Page - Texas Instruments LM8261 Datasheet HTML 5Page - Texas Instruments LM8261 Datasheet HTML 6Page - Texas Instruments LM8261 Datasheet HTML 7Page - Texas Instruments LM8261 Datasheet HTML 8Page - Texas Instruments LM8261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM8261
www.ti.com
SNOS469I – APRIL 2000 – REVISED MARCH 2013
5V ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified, all limited guaranteed for TA = 25°C, V
+ = 5V, V− = 0V, V
CM = 1V, VO = V
+/2, and R
L > 1MΩ to V
−.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ(2)
Limit(3)
Units
SR
Slew Rate(8)
AV = +1, VI = 5VPP
12
10
V/µs
7
min
fu
Unity Gain Frequency
VI = 10mV,
10.5
–
MHz
RL = 2KΩ to V
+/2
GBWP
Gain-Bandwidth Product
f = 50KHz
21
16
MHz
15
min
Phim
Phase Margin
VI = 10mV
53
–
Deg
en
Input-Referred Voltage Noise
f = 2KHz, RS = 50Ω
15
–
nV/
√hZ
in
Input-Referred Current Noise
f = 2KHz
1
–
pA/
√hZ
fMAX
Full Power Bandwidth
ZL = (20pF || 10kΩ) to V
+/2
900
–
KHz
tS
Settling Time (±5%)
100mVPP Step, 500pF load
400
–
ns
THD+N
Total Harmonic Distortion + Noise
RL = 1KΩ to V
+/2
0.05
–
%
f = 10KHz to AV= +2, 4VPP swing
(8)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
±15V ELECTRICAL CHARACTERISTICS
(1)
Unless otherwise specified, all limited guaranteed for TA = 25°C, V
+ = 15V, V− = −15V, V
CM = 0V, VO = 0V, and RL > 1MΩ to
0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ(2)
Limit(3)
Units
VOS
Input Offset Voltage
VCM = −14.5V & VCM = 14.5V
+/
−0.7
+/
−7
mV
+/
− 9
max
TC VOS
Input Offset Average Drift
VCM = −14.5V & VCM = 14.5V
(4)
+/
−2
–
µV/°C
IB
Input Bias Current
VCM = −14.5V
(5)
−1.05
−2.00
−2.80
µA
max
VCM = 14.5V
(5)
+0.49
+1.00
+1.50
IOS
Input Offset Current
VCM = −14.5V & VCM = 14.5V
30
275
nA
550
max
CMRR
Common Mode Rejection Ratio
VCM stepped from −15V to 13V
100
84
80
dB
VCM stepped from 14V to 15V
100
–
min
VCM stepped from −15V to 15V
88
74
72
+PSRR
Positive Power Supply Rejection Ratio
V+ = 12V to 15V
100
70
dB
66
min
−PSRR
Negative Power Supply Rejection Ratio
V− =
−12V to −15V
100
70
dB
66
min
CMVR
Input Common-Mode Voltage Range
CMRR > 50dB
−15.3
−15.1
V
−15.0
max
15.3
15.1
V
15.0
min
AVOL
Large Signal Voltage Gain
VO = 0V to ±13V,
85
78
RL = 10KΩ
74
dB
min
VO = 0V to ±13V,
79
72
RL = 2KΩ
66
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA.
(2)
Typical Values represent the most likely parametric norm.
(3)
All limits are guaranteed by testing or statistical analysis.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM8261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com