Electronic Components Datasheet Search
  English  ▼

X  

LM8261 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM8261
Description  LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8261 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 14Page - Texas Instruments LM8261 Datasheet HTML 15Page - Texas Instruments LM8261 Datasheet HTML 16Page - Texas Instruments LM8261 Datasheet HTML 17Page - Texas Instruments LM8261 Datasheet HTML 18Page - Texas Instruments LM8261 Datasheet HTML 19Page - Texas Instruments LM8261 Datasheet HTML 20Page - Texas Instruments LM8261 Datasheet HTML 21Page - Texas Instruments LM8261 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
LM8261
SNOS469I – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Figure 55. Buffer Amplifier scope photo
ESTIMATING THE OUTPUT VOLTAGE SWING
It is important to keep in mind that the steady state output current will be less than the current available when
there is an input overdrive present. For steady state conditions, the Output Voltage vs. Output Current plot (
TYPICAL PERFORMANCE CHARACTERISTICS section) can be used to predict the output swing. Figure 56
and Figure 57 show this performance along with several load lines corresponding to loads tied between the
output and ground. In each cases, the intersection of the device plot at the appropriate temperature with the load
line would be the typical output swing possible for that load. For example, a 1K
Ω load can accommodate an
output swing to within 250mV of V− and to 330mV of V+ (VS = ±15V) corresponding to a typical 29.3VPP
unclipped swing.
Figure 56. Output Sourcing Characteristics with Load Lines
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM8261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com